Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4490 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4490 Datasheet HTML 1Page - Sipex Corporation SP4490 Datasheet HTML 2Page - Sipex Corporation SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
PIN ASSIGNMENTS
Pin 1 — EL1/EL2 — Electroluminescent Lamp
Output Select. Selects either EL1 Output
when input is LOW or EL2 Output when
input is HIGH.
Pin 2 — V
DD — Positive Battery Power Supply.
This pin should be bypassed with a 0.1
µF
capacitor.
Pin 3 — R
OSC — Oscillator Resistor. Connecting
a resistor between this pin and V
DD sets the
frequency of the internal oscillator.
Pin 4 — ON/OFF — Enable. When driven
HIGH, this input pin enables the internal
oscillator and EL driver outputs.
Pin 5 — V
SS — Power Supply Ground. Connect
to the lowest circuit potential, typically
ground.
Pin 6 — COIL — Coil. The inductor for the
boost converter is connected from V
BATT to
this pin.
Pin 7 — CAP — Integrating Capacitor. An
integrating capacitor connected from this pin
to ground filters out any coil switching spikes
or ripple present in the output waveform to
the EL lamps. Connecting a fast recovery
diode from COIL to CAP increases the light
output of the EL lamp.
Pin 8 — EL COMMON — Electroluminescent
Lamp Common. This is a high voltage lamp
driver output pin common to both EL lamps.
Pin 9 — EL2 — Electroluminescent Lamp Out-
put 2. This is a high voltage lamp driver
output pin connect to the second EL lamp.
Pin 10 — EL1 — Electroluminescent Lamp
Output 1. This is a high voltage lamp driver
output pin to connect to the first EL lamp.
ROSC
VDD
ELcommon
EL1
1
2
3
4
7
8
9
10
VSS
5
EL2
COIL
6
CAP
SP4490
EL1/EL2
ON/OFF
PINOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com