Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BA Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP574BA Datasheet HTML 5Page - Sipex Corporation SP574BA Datasheet HTML 6Page - Sipex Corporation SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation SP574BA Datasheet HTML 10Page - Sipex Corporation SP574BA Datasheet HTML 11Page - Sipex Corporation SP574BA Datasheet HTML 12Page - Sipex Corporation SP574BA Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
9
Conversion Length
A conversion start transition latches the state of A
0
as shown in Figure 4 and Table 1. The latched state
determines if the conversion stops with 8–bits (A
0
high) or continues for 12–bits (A
0 low). If all 12–
bits are read following an 8–bit conversion, the
three LSB’s will be a logic “0” and DB
3 will be a
logic “1”. A
0 is latched because it is also involved
in enabling the output buffers as explained else-
where. No other control inputs are latched.
Stand–Alone Operation
The simplest interface is a control line connected
to R/C. The other controls must be tied to known
states as follows: CE and 12/8 are wired high, A
0
and CS are wired low. The output data arrives in
words of 12–bits each. The limits on R/C duty
cycle are shown in Figures 8 and 9. The duty cycle
may be within and including the extremes shown
in the specifications. In general, data may be read
when R/C is high unless STS is also high, indicat-
ing a conversion is in progress.
Reading Output Data
The output data buffers remain in a high imped-
ance state until the following four conditions are
met: R/C is high, STS is low, CE is high and CS is
low. The data lines become active in response to
these four conditions, and output data according to
the conditions of the control lines 12/8 and A
0. The
timing diagram for this process is shown in Figure
7. When 12/8 is high, all 12 data outputs become
active simultaneously and the A
0 input is ignored.
The 12/8 input is usually tied high or low; it is TTL/
CMOS compatible. When 12/8 is low, the output
is separated into two 8–bit bytes as shown below:
BYTE 1
BYTE2
xxxx xxxx
xxxx 0000
MSB
LSB
This configuration makes it easy to connect to an
8–bit data bus as shown in Figure 5. The A
0 control
can be connected to the least significant bit of the
address bus in order to store the output data into
two consecutive memory locations. When A
0 is
pulled low, the 8 MSB’s are enabled only. When
A
0 is high, the 8 MSB’s are disabled, bits 4 through
7 are forced to a zero and the four LSB’s are
enabled. The two byte format is “left justified data”
as shown above and can be considered to have a
decimal point or binary to the left of byte 1.
shown in Table 1, and the internal control logic is
shown in a simplified schematic in Figure 4.
Conversion Start
A conversion may be initiated by a logic transition
on any of the three inputs: CE, CS R/C, as shown
in Table 1. The last of the three to reach the correct
state starts the conversion, so one, two or all three
may be dynamically controlled. The nominal de-
lay from each is the same and all three may change
state simultaneously. In order to assure that a
particular input controls the start of conversion, the
other two should be setup at least 50ns earlier.
Refer to the convert mode timing specifications.
The Convert Start timing diagram is shown in
Figure 6.
The output signal STS is the status flag and goes
high only when a conversion is in progress.
While STS is high, the output buffers remain in
a high impedance state so that data can not be
read. Also, when STS is high, an additional Start
Convert will not reset the converter or reinitiate
a conversion. Note, if A
0 changes state after a
conversion begins, an additional Start Convert
command will latch the new state of A
0 and
possibly cause a wrong cycle length for that
conversion (8–versus 12–bits).
Table 1. SPx74B Control Input Truth Table
CE CS R/C 12/8 A
0
OPERATION
0
xxxx
None
x
1
x
x
x
None
0
0
x
0
Initiate 12–Bit Conversion
0
0
x
1
Initiate 8–Bit Conversion
1
0
x
0
Initiate 12–Bit Conversion
1
0
x
1
Initiate 8–Bit Conversion
10
x
0
Initiate 12–Bit Conversion
10
x
1
Initiate 8–Bit Conversion
1
0
1
1
x
Enable 12–Bit Output
1
0100
Enable 8 MSB's Only
1
0101
Enable 4 LSB's plus 4
Trailing Zeroes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com