Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BA Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation SP574BA Datasheet HTML 10Page - Sipex Corporation SP574BA Datasheet HTML 11Page - Sipex Corporation SP574BA Datasheet HTML 12Page - Sipex Corporation SP574BA Datasheet HTML 13Page - Sipex Corporation SP574BA Datasheet HTML 14Page - Sipex Corporation SP574BA Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
11
CE
CS
R/C
A0
STS
DB11
DB0
HIGH IMPEDANCE
tDSC
tC
tHAC
tSAC
tHRC
tHEC
tSRC
tSSC
CONVERT MODE TIMING
CHARACTERISTICS
Typical @ 25˚C, V
CC = +15V or +10V, VLOGIC
= +5V, V
EE = 0V, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
tDSC STS Delay from CE
200
ns
tHEC CE Pulse Width
50
ns
tSSC CS to CE Setup
50
ns
tHSC CS Low during CE High
50
ns
tSRC R/C to CE Setup
50
ns
tHRC R/C Low during CE High
50
ns
tSAC A0 to CE Setup
0
ns
tHAC A0 Valid during CE High
50
ns
tC
Conversion Time1, 3, 4
See specifications
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
3.
100% tested.
4.
T
MIN to TMAX.
Figure 6. Convert Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com