Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BA Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation SP574BA Datasheet HTML 10Page - Sipex Corporation SP574BA Datasheet HTML 11Page - Sipex Corporation SP574BA Datasheet HTML 12Page - Sipex Corporation SP574BA Datasheet HTML 13Page - Sipex Corporation SP574BA Datasheet HTML 14Page - Sipex Corporation SP574BA Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
12
CHARACTERISTICS
Typical @ 25˚C, V
CC = +15V or +12V, VLOGIC
= +5V, V
EE = 0V, unless otherwise specified.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
tDD
Access Time From CE2
150
ns
tHD
Data Valid After CE Low2
25
ns
tHL
Output Float Delay2
150
ns
tSSR CS to CE Setup
50
0
ns
tSRR R/C to CE Setup
0
0
ns
tSAR A0 to CE Setup
50
ns
tHSR CS Valid After CE Low
0
0
ns
tHRR R/C High After CE Low
0
50
ns
tHAR A0 Valid After CE Low
50
ns
tHS
STS Delay After Data Valid
300
1000
ns
NOTES:
1.
Parameters guaranteed by design and sample tested.
2.
Parameters 100% tested @ 25˚C on special orders.
READ MODE TIMING
CE
CS
R/C
A0
STS
DB11–
DB0
HIGH
IMPEDANCE
tSSR
tHSR
tHRR
tSRR
tSAR
tHAR
tHD
DATA
VALID
tHL
tDD
Figure 7. Read Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com