Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BA Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 1 Page - Sipex Corporation

  SP574BA Datasheet HTML 1Page - Sipex Corporation SP574BA Datasheet HTML 2Page - Sipex Corporation SP574BA Datasheet HTML 3Page - Sipex Corporation SP574BA Datasheet HTML 4Page - Sipex Corporation SP574BA Datasheet HTML 5Page - Sipex Corporation SP574BA Datasheet HTML 6Page - Sipex Corporation SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
1
s Complete Monolithic 12–Bit A/D Converters
with Sample–Hold, Reference, Clock and Tri–
state Outputs
s Full Nyquist Sampling at All Sample Rates
s Choice of Sampling Rates — 40kHz, 66kHz,
100kHz or 125kHz
s Low Power Dissipation — 110mW
s 12–Bit Linearity Over Temperature
s Commercial, Industrial and Military Tempera-
ture Ranges
s Next–GenerationReplacement for574A,674A,
1674A, 774A Devices
1
14
13
12
11
10
9
8
7
6
5
4
3
2
28
15
16
17
18
19
20
21
22
23
24
25
26
27
STS
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DGND
VLOGIC 12/8
CS
A0
R/C
CE
VCC
REF
OUT
AGND
REF
IN
VEE
BIP
OFF
10V
IN
20V
IN
NIBBLE A
NIBBLE B
NIBBLE C
THREE–STATE BUFFERS AND CONTROL
N/C
7.5K
15K
15K
7.5K
7.5K
OFFSET/GAIN
TRIM
12–BIT
CAPACITANCE
DAC
COMP
REF
CONTROL LOGIC
12–BIT SAR
OSC
DESCRIPTION…
The SP574B/674B/1674B/774B (SPx74B) Series are complete 12–bit successive–approxi-
mation A/D converters integrated on a single die with tri-state output latches, an internal
reference, clock and a sample–hold. The new “B–Series” features true Nyquist sampling while
maintaining compatibility with prior versions. They are drop–in replacements for the older 574A/
674A/1674A/774A type devices.
®
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters


Similar Part No. - SP574BA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP5748KG MITEL-SP5748KG Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP5748KGMP1S MITEL-SP5748KGMP1S Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP5748KGMP1T MITEL-SP5748KGMP1T Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
More results

Similar Description - SP574BA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADS119 ETC-ADS119 Datasheet
134Kb / 8P
12-Bit, 10MHz, Low-Power Sampling A/D Converters
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-118 ETC-ADS-118 Datasheet
139Kb / 8P
12-Bit, 5MHz, Low-Power Sampling A/D Converters
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
12-bit Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_1 Datasheet
321Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Murata Power Solutions ...
ADS-112 MURATA-PS-ADS-112 Datasheet
156Kb / 6P
12-Bit, 1MHz, Low-Power Sampling A/D Converters
ADS-235 MURATA-PS-ADS-235 Datasheet
406Kb / 8P
12-Bit, 5MHz and 9MHz Sampling A/D Converters
logo
Linear Technology
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
12-Bit, 300ksps Sampling A/D Converters with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com