Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP574BA Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP574BA
Description  12-Bit Sampling A/D Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP574BA Datasheet(HTML) 2 Page - Sipex Corporation

  SP574BA Datasheet HTML 1Page - Sipex Corporation SP574BA Datasheet HTML 2Page - Sipex Corporation SP574BA Datasheet HTML 3Page - Sipex Corporation SP574BA Datasheet HTML 4Page - Sipex Corporation SP574BA Datasheet HTML 5Page - Sipex Corporation SP574BA Datasheet HTML 6Page - Sipex Corporation SP574BA Datasheet HTML 7Page - Sipex Corporation SP574BA Datasheet HTML 8Page - Sipex Corporation SP574BA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SP574B/674B/1674B/774B
12–Bit Sampling A/D Converters
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
V
CC to Digital Common .................................................. 0 to +16.5V
V
LOGIC to Digital Common ................................................... 0 to +7V
Analog Common to Digital Common .........................................
±1V
Control Inputs to Digital Common ................. –0.5V to V
LOGIC +0.5V
(CE, CS, A
0, 12/8, R/C)
Analog Input Voltage Range ...........................................
±FS ±30%
Analog Inputs to Analog Common ......................................
±16.5V
(REF IN, BIP OFF, 10V
IN)
20V
IN to Analog Common ........................................................ ±24V
REF OUT ............................................... Indefinite short to common
................................................................... Momentary short to V
CC
Power Dissipation ............................................................. 1000mW
Lead Temperature, Soldering .................................. 300˚C, 10Sec
J/C ..................................................................................... 45˚C/W
MTBF–25˚C Ground Base ................................ 2.915 million hours
MTBF–125˚C Missile Launch ...................... 10.16 thousand hours
Inputs exceeding +30% or –30% of FS will cause erratic performance.
CAUTION:
ESD (ElectroStatic Discharge) sensitive
device. Permanent damage may occur on
unconnected devices subject to high energy
electrostatic fields. Unused devices must be
stored in conductive foam or shunts.
Personnel should be properly grounded prior
to handling this device. The protective foam
should be discharged to the destination
socket before devices are removed.
SPECIFICATIONS
(Typical @ 25
°C with V
CC = +15V, VEE = 0V, VLOGIC = +5V unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
RESOLUTION
All models
12
Bits
ANALOG INPUTS
Input Ranges
Bipolar
±5, ±10
V
Unipolar
0 to +10, 0 to +20
V
Input Impedance
SP574B/SP674B
10 Volt Input
3.75
6.25
k
20 Volt Input
15
25
k
SP1674B/SP774B
10 Volt Input
1.875
3.125
k
20 Volt Input
7.45
12.42
k
Nyquist Frequency
SP574B
20
kHz
SP674B
33
kHz
SP1674B
50
kHz
SP774B
62.5
kHz
DIGITAL INPUTS
Logic Inputs CE, CS R/C, A
O, 12/8
Logic 1
+2.4
+5.5
V
Logic 0
–0.3
+0.8
V
Current
±0.1
±50
µA
–0.3V to +5.5V Input
±5
µA
0V to +5.5V Input
Capacitance
5
pF
12/8 Control Input
Hardwire to V
LOGIC or DIGITAL COMMON
DIGITAL OUTPUTS
Logic Outputs DB
11–DB0, STS
Logic 1
+2.4
V
I
SOURCE ≤ 500µA
Logic 0
+0.4
V
I
SINK ≤ 1.6mA
Leakage (High Z State)
±40
µA
Data bits only
Capacitance
5
pF
Parallel Data Output Codes
Unipolar
Positive true binary
Bipolar
Positive true offset binary
INTERNAL REFERENCE
Output Voltage
10.00
±0.1
V
Output Current
2
mA
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com