Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PLG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC712PLG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PLG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC712PLG4 Datasheet HTML 12Page - Texas Instruments DAC712PLG4 Datasheet HTML 13Page - Texas Instruments DAC712PLG4 Datasheet HTML 14Page - Texas Instruments DAC712PLG4 Datasheet HTML 15Page - Texas Instruments DAC712PLG4 Datasheet HTML 16Page - Texas Instruments DAC712PLG4 Datasheet HTML 17Page - Texas Instruments DAC712PLG4 Datasheet HTML 18Page - Texas Instruments DAC712PLG4 Datasheet HTML 19Page - Texas Instruments DAC712PLG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
GAIN AND OFFSET ADJUST
Connections Using Potentiometers
OUTPUT VOLTAGE RANGE CONNECTIONS
Using D/A Converters
10kW
3
4
6
±10VVOUT
9.75kW
IDAC
0mA-2mA
» +2.5V
15kW
R
27kW
3
R
10kW
4
120W
180W
R
500W
1
R
500W
2
5
170W
250W
Internal
+10VReference
V
REFOUT
GainAdjust
BipolarOffsetAdjust
2
ACOM
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
Nominal values of GAIN and OFFSET occur when
the D/A converter outputs are at approximately half
scale, +5V.
GAIN and OFFSET adjust pins provide for trim using
external
potentiometers.
15-turn
potentiometers
provide sufficient resolution. Range of adjustment of
The DAC712 output amplifier is connected internally
these trims is at least ±0.3% of Full-Scale Range; see
for the ±10V bipolar (20V) output range. That is, the
Figure 13.
bipolar offset resistor is connected to an internal
reference voltage and the 20V range resistor is
connected internally to VOUT. The DAC712 cannot be
connected for unipolar operation.
The GAIN ADJUST and OFFSET ADJUST circuits of
the DAC712 have been arranged so that these points
may be easily driven by external D/A converters; see
Figure 14. 12-bit D/A converters provide an OFFSET
adjust resolution and a GAIN adjust resolution of
30
µV to 50µV per LSB step.
(1) For no external adjustments, pins 4 and 6 are not connected. External Resistors R1 to R4 are standard ±1% values. Range of adjustment
is at least ±0.3% FSR.
Figure 13. Manual Offset and Gain Adjust Circuits
16
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com