Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PLG4 Datasheet(PDF) 14 Page - Texas Instruments

Part # DAC712PLG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PLG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC712PLG4 Datasheet HTML 10Page - Texas Instruments DAC712PLG4 Datasheet HTML 11Page - Texas Instruments DAC712PLG4 Datasheet HTML 12Page - Texas Instruments DAC712PLG4 Datasheet HTML 13Page - Texas Instruments DAC712PLG4 Datasheet HTML 14Page - Texas Instruments DAC712PLG4 Datasheet HTML 15Page - Texas Instruments DAC712PLG4 Datasheet HTML 16Page - Texas Instruments DAC712PLG4 Datasheet HTML 17Page - Texas Instruments DAC712PLG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Gain Adjustment
INSTALLATION
GENERAL CONSIDERATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+
0.01 F
m
DCOM
ACOM
VOUT
V
REFOUT
+V
CC
-VCC
0.01 F
m
+
+12Vto+15V
-12Vto -15V
POWER-SUPPLY AND REFERENCE
DAC712
SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009 ................................................................................................................................................. www.ti.com
Apply the digital input that gives the maximum
positive voltage output. Adjust the gain potentiometer
or the gain adjust D/A converter for this positive
full-scale voltage.
Because
of
the
high
accuracy
of
these
D/A
converters,
system
design
problems
such
as
grounding
and
contact
resistance
become
very
important. A 16-bit converter with a 20V full-scale
range has a 1LSB value of 305mV. With a load
current
of
5
µA, series wiring and connector
resistance of only 60m
Ω causes a voltage drop of
300
µV. To understand what this means in terms of a
system layout, the resistivity of a typical 1-ounce
copper-clad printed circuit board (PCB) is 1/2m
Ω per
square. For a 5mA load, a 10 mil (0.010 inch) wide
printed circuit conductor 60 milli-inches long results in
a voltage drop of 150
µV.
Figure 11. Power-Supply Connections
The analog output of the DAC712 has an LSB size of
305
µV (–96dB). The noise floor of the D/A converter
The DAC712 has separate ANALOG COMMON and
must remain below this level in the frequency range
DIGITAL COMMON pins. The current through DCOM
of interest. The DAC712 noise spectral density (which
is mostly switching transients and are up to 1mA
includes
the
noise
contributed
by
the
internal
peak in amplitude. The current through ACOM is
reference) is shown in the Typical Characteristics
typically 5
µA for all codes.
section.
Use separate analog and digital ground planes with a
Wiring to high-resolution D/A converters should be
single interconnection point to minimize ground loops.
routed to provide optimum isolation from sources of
The analog pins are located adjacent to each other to
radio
frequency
interference
(RFI)
and
help isolate analog from digital signals. Analog
electromagnetic
interference
(EMI).
The
key
to
signals should be routed as far as possible from
elimination of RF radiation or pickup is a small loop
digital signals and should cross them at right angles.
area. Signal leads and the return conductors should
A
solid
analog
ground
plane
around
the
D/A
be kept close together such that they present a small
converter package, as well as under it in the vicinity
capture
cross-section
for
any
external
field.
of the analog and power-supply pins, isolates the D/A
Wire-wrap construction is not recommended.
converter from switching currents. It is recommended
that DCOM and ACOM be connected directly to the
ground planes under the package.
CONNECTIONS
If several DAC712s are used, or if the DAC712
Power-supply decoupling capacitors should be added
shares supplies with other components, connecting
as shown in Figure 11. Best performance occurs
the ACOM and DCOM lines together once at the
using a 1
µF to 10µF tantalum capacitor at –V
CC.
power supplies rather than at each chip may give
Applications with less critical settling time may be
better results.
able to use 0.01
µF at –V
CC as well as at +VCC. The
capacitors should be located close to the package.
14
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com