Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PLG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC712PLG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PLG4 Datasheet(HTML) 3 Page - Texas Instruments

  DAC712PLG4 Datasheet HTML 1Page - Texas Instruments DAC712PLG4 Datasheet HTML 2Page - Texas Instruments DAC712PLG4 Datasheet HTML 3Page - Texas Instruments DAC712PLG4 Datasheet HTML 4Page - Texas Instruments DAC712PLG4 Datasheet HTML 5Page - Texas Instruments DAC712PLG4 Datasheet HTML 6Page - Texas Instruments DAC712PLG4 Datasheet HTML 7Page - Texas Instruments DAC712PLG4 Datasheet HTML 8Page - Texas Instruments DAC712PLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ELECTRICAL CHARACTERISTICS: DAC712P, U, PB, UB
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
At TA = +25°C, +VCC = +12V and +15V, and –VCC = –12V and –15V, unless otherwise noted.
DAC712P, U
DAC712PB, UB(1)
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
INPUT
RESOLUTION
Resolution
16
Bits
DIGITAL INPUTS
Input Code
Binary Twos Complement
Logic Levels(2)
VIH
+2.0
+VCC – 1.4
V
VIL
0
+0.8
V
IIH (VI = +2.7V)
±10
µA
IIL (VI = +0.4V)
±10
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±4
±2
LSB
TMIN to TMAX
±8
±4
LSB
Differential Linearity Error
±4
±2
LSB
TMIN to TMAX
±8
±4
LSB
Monotonicity Over Temperature
13
14
Bits
Gain Error(3)
±0.1
%
TMIN to TMAX
±0.2
±0.15
%
Bipolar Zero Error(3)
±0.1
% FSR(4)
±20
mV
TMIN to TMAX
±0.2
±0.15
% FSR
±40
±30
mV
±0.003
% FSR/% VCC
Power-Supply Sensitivity of Full-Scale
±30
ppm FSR/% VCC
DYNAMIC PERFORMANCE
Settling Time (to ±0.003%FSR, 5k
Ω || 500pF Load)(5)
20V Output Step
6
10
µs
1LSB Output Step(6)
4
µs
Output Slew Rate
10
V/
µs
Total Harmonic Distortion + Noise
0dB, 1001Hz, fS = 100kHz
0.005
%
–20dB, 1001Hz, fS = 100kHz
0.03
%
–60dB, 1001Hz, fS = 100kHz
3.0
%
SINAD
1001Hz, fS = 100kHz
87
dB
Digital Feedthrough(6)
2
nV-s
Digital-to-Analog Glitch Impulse(6)
15
nV-s
Output Noise Voltage (Includes Reference)
120
nV/
√Hz
(1)
Shaded cells indicate same specification as the DAC712P, U grade.
(2)
Digital inputs are TTL- and +5V CMOS-compatible over the specified temperature range.
(3)
Errors externally adjustable to zero.
(4)
FSR means Full-Scale Range. For example, for a ±10V output, FSR = 20V.
(5)
Maximum represents the 3
σ limit. Not 100% tested for this parameter.
(6)
For the worst-case code changes: FFFFh to 0000h and 0000h to FFFFh. These are binary twos complement (BTC) codes.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com