Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PLG4 Datasheet(PDF) 15 Page - Texas Instruments

Part # DAC712PLG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PLG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DAC712PLG4 Datasheet HTML 11Page - Texas Instruments DAC712PLG4 Datasheet HTML 12Page - Texas Instruments DAC712PLG4 Datasheet HTML 13Page - Texas Instruments DAC712PLG4 Datasheet HTML 14Page - Texas Instruments DAC712PLG4 Datasheet HTML 15Page - Texas Instruments DAC712PLG4 Datasheet HTML 16Page - Texas Instruments DAC712PLG4 Datasheet HTML 17Page - Texas Instruments DAC712PLG4 Datasheet HTML 18Page - Texas Instruments DAC712PLG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LOAD CONNECTIONS
R
1
Sense
Output
R
L
R
2
R
3
AlternateGround
SenseConnection
SystemGround
ACOM
DCOM
Bus
Interface
DAC712
Analog
Power
Supply
0.01 F
m
(1)
0.01 F
m
To+V
CC
To V
-
CC
V
OUT
10kW
10kW
V
REF
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
In some applications it is impractical to return the load
to the ACOM pin of the D/A converter. Sensing the
Because the reference point for VOUT and VREF OUT is
output voltage at the SYSTEM GROUND point is
the ACOM pin, it is important to connect the D/A
reasonable, because there is no change in the
converter load directly to the ACOM pin; see
DAC712 ACOM current, provided that R3 is a
Figure 12.
low-resistance ground plane or conductor. In this
case,
DCOM
may
be
connected
to
SYSTEM
Lead and contact resistances are represented by R1
GROUND as well.
through R3. As long as the load resistance RL is
constant, R1 simply introduces a gain error and can
be removed by gain adjustment of the D/A converter
or system-wide gain calibration. R2 is part of RL if the
output voltage is sensed at ACOM.
(1) Locate close to the DAC712 package.
Figure 12. System Ground Considerations for High-Resolution D/A Converters
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com