Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC712PLG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # DAC712PLG4
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712PLG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC712PLG4 Datasheet HTML 13Page - Texas Instruments DAC712PLG4 Datasheet HTML 14Page - Texas Instruments DAC712PLG4 Datasheet HTML 15Page - Texas Instruments DAC712PLG4 Datasheet HTML 16Page - Texas Instruments DAC712PLG4 Datasheet HTML 17Page - Texas Instruments DAC712PLG4 Datasheet HTML 18Page - Texas Instruments DAC712PLG4 Datasheet HTML 19Page - Texas Instruments DAC712PLG4 Datasheet HTML 20Page - Texas Instruments DAC712PLG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
10kW
3
4
6
±10VVOUT
DAC712
9.75kW
IDAC
0mA-2mA
15kW
R
20kW
3
0Vto+10V
R
10kW
4
170W
250W
Internal
+10VReference
V
REFOUT
GainAdjust
(1)
BipolarOffsetAdjust
(1)
R
340W
1
R
500W
2
R
FB VREFA
5
R
FB VREFB
0Vto10V
5kW
10kW
+10V
10kW
-10V
(2)
(3)
(4)
DIGITAL INTERFACE
BUS INTERFACE
SINGLE-BUFFERED OPERATION
enabled by connecting
A
0
to DCOM. If A1 is not used
A
0
is the enable control for the DATA INPUT LATCH.
A
1
is the enable for the D/A LATCH. WR is used to
strobe data into latches enabled by
A
0
and A1. Refer
TRANSPARENT INTERFACE
transparent by asserting
A
0
, A1, and WR LOW, and
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
(1) For no external adjustments, pins 4 and 6 are not connected. External Resistors R1 to R4 tolerance is ±1% values. Range of adjustment
is at least ±0.3% FSR.
(2) Suggested op amps: OPA177GP, GS or OPA604AP, AU.
(3) Suggested op amps: single OPA177GP, GS or dual OPA2604AP, AU.
(4) Suggested D/A converters: dual DAC7800 (serial input, 12-bit resolution); dual DAC7801 (8-bit port input, 12-bit resolution); dual
DAC7802 (12-bit port input, 12-bit resolution); dual DAC7545 (12-bit port input, 12-bit resolution); or single DAC8043 (serial input, 12-bit
resolution). BIPOLAR (complete): DAC813 (use 11-bit resolution for 0V to +10V output; no op-amps required).
Figure 14. Gain and Offset Adjustment Using D/A Converters
The DAC712 has 16-bit, double-buffered data bus
To operate the DAC712 interface as a single-buffered
interface with control lines for easy interface to
latch, the DATA INPUT LATCH is permanently
interface to a 16-bit bus. The double-buffered feature
permits
update
of
several
D/A
converters
to enable the D/A converter, it should be connected
simultaneously.
to DCOM as well. For this mode of operation, the
width of WR must be at least 80ns minimum to pass
data through the DATA INPUT LATCH and into the
D/A LATCH.
to the block diagram of Figure 8 and to Figure 1.
CLR sets the INPUT DATA LATCH to all zeros and
The digital interface of the DAC712 can be made
the D/A LATCH to a code that gives bipolar 0V at the
D/A converter output.
asserting CLR HIGH.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC712



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com