Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC70 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button SC70 Datasheet HTML 3Page - Diodes Incorporated SC70 Datasheet HTML 4Page - Diodes Incorporated SC70 Datasheet HTML 5Page - Diodes Incorporated SC70 Datasheet HTML 6Page - Diodes Incorporated SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated SC70 Datasheet HTML 10Page - Diodes Incorporated SC70 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
7 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Typical Operating Characteristics
Figure 2. Test Circuits for Gain and Phase Plots
Gain and Phase vs Frequency, V
OUT=0.6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
Gain
Phas e
VOUT = 0.6V
C
OUT = 2.2uF
Gain and Phase vs Frequency, V
OUT=0.6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
Gain
Phas e
Gain
Phas e
VOUT = 0.6V
C
OUT = 2.2uF
Gain and Phase vs Frequency, V
OUT=6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
V
OUT = 6V
C
OUT = 0. 22uF
Gain
Phase
Gain and Phase vs Frequency, V
OUT=6V
-50
0
50
100
150
200
1
10
100
1k
10k
100k
1M
Frequency (Hz)
0
45
90
135
180
225
V
OUT = 6V
C
OUT = 0. 22uF
Gain
Phase
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com