Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC70 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button SC70 Datasheet HTML 6Page - Diodes Incorporated SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated SC70 Datasheet HTML 10Page - Diodes Incorporated SC70 Datasheet HTML 11Page - Diodes Incorporated SC70 Datasheet HTML 12Page - Diodes Incorporated SC70 Datasheet HTML 13Page - Diodes Incorporated SC70 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
10 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Application Information (cont.)
⎛ +
=
2
R
1
R
1
V
V
REF
OUT
BE
OUT
V
V
2
.
0
V
+
3
R
OUT
IN
I
V
V
3
R
=
Figure 8. 1V Current-Boosted Shunt Regulator
Design guide
1.
Determine IOUT and choose a suitable transistor taking power dissipation into consideration.
2.
Determine IB from
)
1
h
(
I
I
(min)
FE
(max)
OUT
B
+
=
3.
Determine IR3 from
(max)
OUT
3
R
I
I
=
4.
Determine R3 from
3
R
OUT
IN
I
V
V
3
R
=
5.
It is best to let the ZXRE160 supply as much current as it can before bringing Q1 into conduction. Not only does this minimize the strain on
Q1, it also guarantees the most stable operation. Choose a nominal value between 10mA and <15mA for this current, IR4.
Calculate R4 from
4
R
BE
I
V
4
R
=
VOUT goes low and LED is lit when monitored supply
⎛ +
>
2
R
1
R
1
REF
V
M
V
3
R
I
)
2
.
0
F
V
(
IN
V
3
R
+
=
)
MAX
(
F
I
3
R
I
mA
15
VF and IF are forward voltage drop and current of LED1.
Figure 9. 1.15V Over-Voltage Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com