Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC70 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 3 Page - Diodes Incorporated

  SC70 Datasheet HTML 1Page - Diodes Incorporated SC70 Datasheet HTML 2Page - Diodes Incorporated SC70 Datasheet HTML 3Page - Diodes Incorporated SC70 Datasheet HTML 4Page - Diodes Incorporated SC70 Datasheet HTML 5Page - Diodes Incorporated SC70 Datasheet HTML 6Page - Diodes Incorporated SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
3 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Functional Block Diagram
The ZXRE160 differs from most other shunt regulators in that it
has separate input and output pins and a low voltage reference.
This enables it to regulate rails down to 600mV and makes the
part ideal for isolated power supply applications that use
opto-couplers in the feedback loop and where the open-collector
output is required to operate down to voltages as low as 200mV.
The wide input voltage range of 2V to 18V and output voltage
range of 0.2V to 18V enables the ZXRE160 to be powered from
an auxiliary rail, while controlling a master rail which is above the
auxiliary rail voltage, or below the minimum VIN voltage. This
allows it to operate as a low-dropout voltage regulator for
microprocessor/DSP/PLD cores.
As with other shunt regulators (and shunt references), the
ZXRE160 compares its internal amplifier FB pin to a high
accuracy internal reference; if FB is below the reference then OUT
turns off, but if FB is above the reference then OUT sinks current
– up to a maximum of 15mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com