Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC70 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated SC70 Datasheet HTML 10Page - Diodes Incorporated SC70 Datasheet HTML 11Page - Diodes Incorporated SC70 Datasheet HTML 12Page - Diodes Incorporated SC70 Datasheet HTML 13Page - Diodes Incorporated SC70 Datasheet HTML 14Page - Diodes Incorporated SC70 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
12 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Ordering Information
Tol.
Part Number
Package
Identification
Code
Reel Size
Tape Width
Quantity/Reel
0.5%
ZXRE160AET5TA
TSOT25
R8
7”, 180mm
8mm
3000
ZXRE160AH5TA
SC70/SOT353
R9
7”, 180mm
8mm
3000
ZXRE160AFT4-7
DFN1520H4-6
R8
7”, 180mm
8mm
3000
1%
ZXRE160ET5TA
TSOT25
Z8
7”, 180mm
8mm
3000
ZXRE160H5TA
SC70/SOT353
Z9
7”, 180mm
8mm
3000
ZXRE160FT4-7
X2-DFN1520-6
Z8
7”, 180mm
8mm
3000
Marking Information
1.
TSOT25, SC70/SOT353
2.
X2-DFN1520-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com