Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC70 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # SC70
Description  0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SC70 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button SC70 Datasheet HTML 7Page - Diodes Incorporated SC70 Datasheet HTML 8Page - Diodes Incorporated SC70 Datasheet HTML 9Page - Diodes Incorporated SC70 Datasheet HTML 10Page - Diodes Incorporated SC70 Datasheet HTML 11Page - Diodes Incorporated SC70 Datasheet HTML 12Page - Diodes Incorporated SC70 Datasheet HTML 13Page - Diodes Incorporated SC70 Datasheet HTML 14Page - Diodes Incorporated SC70 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ZXRE160
Document number: DS35688 Rev. 2 - 2
13 of 15
www.diodes.com
June 2012
© Diodes Incorporated
ZXRE160
A Product Line of
Diodes Incorporated
Package Outline Dimensions (All dimensions in mm.)
TSOT25
SC70/SOT353
X2-DFN1520-6
TSOT25
Dim
Min
Max
Typ
A
1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
θ1
12°
All Dimensions in mm
SOT353
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Typ
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
All Dimensions in mm
X2-DFN1520-6
Dim
Min
Max
Typ
A
0.40
A1
0
0.05
A3
0.13
b
0.20
0.30
D
1.45 1.575
D2
1.00
1.20
e
0.50
E
1.95 2.075
E2
0.70
0.90
L
0.25
0.35
All Dimensions in mm
c
A1
L
E1
E
A2
D
e1
e
5x b
θ
4x 1
θ
L2
A
A
M
J
L
D
B C
H
K
F
SEATING PLANE
A
A3
A1
E2
b
D
e
L
E
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com