Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 13Page - Texas Instruments CDCE421ARGET Datasheet HTML 14Page - Texas Instruments CDCE421ARGET Datasheet HTML 15Page - Texas Instruments CDCE421ARGET Datasheet HTML 16Page - Texas Instruments CDCE421ARGET Datasheet HTML 17Page - Texas Instruments CDCE421ARGET Datasheet HTML 18Page - Texas Instruments CDCE421ARGET Datasheet HTML 19Page - Texas Instruments CDCE421ARGET Datasheet HTML 20Page - Texas Instruments CDCE421ARGET Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Appendix B: Jitter Characteristics in Input Clock Mode
0
20
40
60
80
100
120
140
160
-
-
-
-
-
-
-
-
10
100
1k
10k
100k
1M
10M
100M
Single-SidebandFrequency(Hz)
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
If the CDCE421A is being referenced by an external and cleaner LVCMOS input of 35.42 MHz and 33.33 MHz,
respectively, Figure 9 and Table 13 show the SSB phase noise plot and phase noise data of the output at 708
MHz for LVPECL from 100 Hz to 40 MHz from the carrier.
Figure 9. SSB Phase Noise at 708-MHz LVPECL Output with LVCMOS Input of 35.42 MHz
Table 13. Phase Noise Data for LVPECL at 708 MHz with LVCMOS Input of 35.42 MHz(1)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–95
dBc/Hz
phn1k
Phase noise at 1 kHz
–105
dBc/Hz
phn10k
Phase noise at 10 kHz
–109
dBc/Hz
phn100k
Phase noise at 100 kHz
–114
dBc/Hz
phn1M
Phase noise at 1 MHz
–126
dBc/Hz
phn10M
Phase noise at 10 MHz
–146
dBc/Hz
phn20M
Phase noise at 20 MHz
–146
dBc/Hz
JRMS
RMS jitter from 10 kHz to 20 MHz
438
fs
(1)
Phase noise specifications under following assumptions: input frequency = 35.42 MHz (VCO = 2, prescaler = 3, output divider = 1),
output frequency = 708 MHz at LVPECL.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com