Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 3 Page - Texas Instruments

  CDCE421ARGET Datasheet HTML 1Page - Texas Instruments CDCE421ARGET Datasheet HTML 2Page - Texas Instruments CDCE421ARGET Datasheet HTML 3Page - Texas Instruments CDCE421ARGET Datasheet HTML 4Page - Texas Instruments CDCE421ARGET Datasheet HTML 5Page - Texas Instruments CDCE421ARGET Datasheet HTML 6Page - Texas Instruments CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES
FEATURES
CDCE421ARGET
24-pin QFN (RGE) package, small tape and reel
–40°C to +85°C
CDCE421ARGER
24-pin QFN (RGE) package, tape and reel
(1)
For the most current specifications and package information, see the Package Option Addendum located at the end of this data sheet or
refer to our web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
(1)
CDCE421A
UNIT
VDD
Supply voltage(2)
–0.5 to 4.6
V
VI
Voltage range for all other input pins(2)
–0.5 to VCC to +0.5
V
IO
Output current for LVPECL
–50
mA
ESD
Electrostatic discharge (HBM)
2
kV
TA
Specified free-air temperature range (no airflow)
–40 to +85
°C
TJ
Maximum junction temperature
+125
°C
TSTG
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Supply voltage
3.0
3.30
3.60
V
TA
Ambient temperature (no airflow, no heatsink)
–40
+85
°C
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com