Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE421ARGET Datasheet HTML 3Page - Texas Instruments CDCE421ARGET Datasheet HTML 4Page - Texas Instruments CDCE421ARGET Datasheet HTML 5Page - Texas Instruments CDCE421ARGET Datasheet HTML 6Page - Texas Instruments CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments CDCE421ARGET Datasheet HTML 10Page - Texas Instruments CDCE421ARGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Device Setup Example
f
=
XTAL
1
20
´ 622.08=31.154MHz
(2)
Serial Interface and Control
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
The following example illustrates the process to calculate the required AT-cut crystal frequency that is needed to
generate a desired output frequency.
Assume we need to generate an output frequency of 622.08MHz. We use Table 3 to find that the desired output
frequency lies between 583.5 and 680.0MHz.
Table 3. Crystal Frequency Selection and Device Settings (Selection)
DESIRED OUTPUT
REQUIRED INPUT CRYSTAL
FREQUENCY (MHz)
FREQUENCY (MHz)
VCO
OUTPUT
PRESCALER
FEEDBACK
From
To
From
To
SELECTION
DIVIDER
SETTING
DIVIDER(1)
680.0
766.7
34.000
38.333
VCO 2
1
3
20
583.5
680.0
29.174
34.000
VCO 1
1
3
20
510.0
587.5
31.875
36.719
VCO 2
1
4
16
(1)
Feedback divider is set automatically with respect to the prescaler setting.
This frequency value means that the device must be configured in the following way:
VCO: VCO1
Output divider: 1
Prescaler setting: 3
To determine the correct crystal frequency required to achieve 622.08 MHz with these settings, we use
Equation 2, explained earlier in this data sheet.
Thus, the AT-cut frequency should be 31.154 MHz (that is, between 29.174 MHz and 34.000 MHz, as shown in
Table 3).
The CDCE421A uses a unique, TI-proprietary interface protocol that can be configured and programmed via a
single input pin to the device. The architecture enables only writing to the device from this input pin. Reading the
content of a register can be achieved by sending a read command on the input pin and monitoring the desired
output pins (LVDS or LVPECL). In cases where the output pins cannot be used to read the content, the software
that controls the interface must account for what is written to the EEPROM and when it is programmed.
Monitoring the outputs verifies the programming modes; cycling the power on the device verifies that the
EEPROM contains the proper configuration.
The CDCE421A can be configured and programmed via the SDATA input pin. For this purpose, a pulse-code
shaped programming sequence must be written to the device as described in the EEPROM Programming
section. During the EEPROM programming phase, the device requires a stable supply voltage (VDD) of 3.3 V
±300 mV for securely writing to the EEPROM cells. After each Write to WordX instruction, the written data are
latched, made effective, and offer look-ahead before the actual data are stored into the EEPROM.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com