Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 1 Page - Texas Instruments

  CDCE421ARGET Datasheet HTML 1Page - Texas Instruments CDCE421ARGET Datasheet HTML 2Page - Texas Instruments CDCE421ARGET Datasheet HTML 3Page - Texas Instruments CDCE421ARGET Datasheet HTML 4Page - Texas Instruments CDCE421ARGET Datasheet HTML 5Page - Texas Instruments CDCE421ARGET Datasheet HTML 6Page - Texas Instruments CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
FEATURES
APPLICATIONS
OutputEnable/ProgrammingInterfaceandEEPROMforConfigurationSettings
Crystal
Oscillator
Input
Feedback
Divider
LoopFilter
VCO1
VCO2
Xtal
CE
Program
CLK
NCLK
CDCE421A
www.ti.com..................................................................................................................................................................................................... SCAS873 – APRIL 2009
Fully-Integrated, Wide Range, Low-Jitter
Crystal Oscillator Clock Generator
• Two Fully-Integrated Voltage-Controlled
Oscillators (VCO) Support Wide Output
2
• Single Supply at 3.3 V for LVPECL or LVDS
Frequency Range
Operation
• Fully Integrated Programmable Loop Filter
• High-Performance Clock Multiplier,
Incorporating Crystal Oscillator Circuitry with
• Typical Power Consumption at 3.3 V:
Integrated Frequency Synthesizer
–
274 mW in LVDS mode
• Low Output Jitter: 380 fs RMS typical
–
250 mW in LVPECL mode
(from 10 kHz to 20 MHz)
• Chip Enable Control Pin
• Low Phase Noise at High Frequency (708-MHz
• Simple Serial Interface Allows Programming
LVPECL):
after Manufacturing
–
Typically –109 dBc/Hz at 10 kHz and
• Integrated On-Chip Nonvolatile Memory
–146dBc/Hz at 10 MHz from the carrier
(EEPROM) Stores Settings Without Applying
• Supports Crystal or LVCMOS Input
High Voltage
Frequencies from 27.35 MHz to 38.33 MHz
• Available in 4-mm × 4-mm QFN-24 Package
• Output Frequency Ranges from 10.9 MHz to
• ESD Protection Exceeds 2 kV (HBM)
766.7 MHz and from 875.2 MHz to 1175 MHz
• Industrial Temperature Range: –40°C to +85°C
• Low-Voltage Differential Signaling (LVDS)
Output, 100-
Ω Differential Off-Chip
Termination, 10.9-MHz to 400-MHz Frequency
• Low-Cost, High-Frequency Crystal Oscillator
Range
• Differential Low-Voltage Positive Emitter
Coupled Logic (LVPECL) Outputs, 10.9-MHz to
1.175-GHz Frequency Range
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE421ARGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE421ARGET TI2-CDCE421ARGET Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
CDCE421ARGET.B TI2-CDCE421ARGET.B Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
CDCE421ARGETG4 TI2-CDCE421ARGETG4 Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
CDCE421ARGETG4.B TI2-CDCE421ARGETG4.B Datasheet
1Mb / 29P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
APRIL 2009
More results

Similar Description - CDCE421ARGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Maxim Integrated Produc...
MAX3637 MAXIM-MAX3637 Datasheet
2Mb / 23P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3638 MAXIM-MAX3638 Datasheet
2Mb / 22P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
MAX3639 MAXIM-MAX3639 Datasheet
3Mb / 24P
Low-Jitter, Wide Frequency Range, Programmable Clock Generator with 10 Outputs
Rev 0; 10/09
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
Low - Jitter Clock Generator with Integrated VCO
logo
Texas Instruments
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com