Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE421ARGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE421ARGET
Description  Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE421ARGET Datasheet(HTML) 4 Page - Texas Instruments

  CDCE421ARGET Datasheet HTML 1Page - Texas Instruments CDCE421ARGET Datasheet HTML 2Page - Texas Instruments CDCE421ARGET Datasheet HTML 3Page - Texas Instruments CDCE421ARGET Datasheet HTML 4Page - Texas Instruments CDCE421ARGET Datasheet HTML 5Page - Texas Instruments CDCE421ARGET Datasheet HTML 6Page - Texas Instruments CDCE421ARGET Datasheet HTML 7Page - Texas Instruments CDCE421ARGET Datasheet HTML 8Page - Texas Instruments CDCE421ARGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ELECTRICAL CHARACTERISTICS
CDCE421A
SCAS873 – APRIL 2009..................................................................................................................................................................................................... www.ti.com
Over recommended operating conditions (unless otherwise noted).
CDCE421A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
3.00
3.30
3.60
V
IVDD (LVDS)
Total current
LVDS Mode
83
103
mA
IVDD (LVPECL) Total current
LVPECL Mode
91
110
mA
fIN = 27.35 MHz, fOUT = 109.4 MHz,
tS
Start-up time
4
ms
Power Supply Ramp Time = 1 ms
LVDS Output Mode (See Figure 2 and Figure 4)
fCLK
Output frequency
10.9
400
MHz
|VOD|
LVDS differential output voltage
RL = 100 Ω
247
454
mV
ΔVOD
LVDS VOD magnitude change
50
mV
VOS
Offset voltage
–40°C to +85°C
1.1
1.3
V
ΔVOS
VOS magnitude change
50
mV
tR
Output rise time
20% to 80% of VOUT(PP)
230
ps
tF
Output fall time
20% to 80% of VOUT(PP)
230
ps
Short VOUT+ to ground, VOUT = 0 V
30
mA
IOS
Short-circuit output current
Short VOUT– to ground, VOUT = 0 V
30
mA
Duty cycle of the output waveform
45
55
%
tj, RMS
RMS jitter
10 kHz to 20 MHz
1
ps, RMS
LVPECL Output Mode (See Figure 3 and Figure 5)
fCLK
Output frequency
10.9
1175
MHz
VOH
LVPECL high-level output voltage
VCC – 1.2
VCC – 0.81
V
VOL
LVPECL low-level output voltage
VCC – 2.17
VCC – 1.36
V
|VOD|
LVPECL differential output voltage
407
1076
mV
tR
Output rise time
20% to 80% of VOUT(PP)
230
ps
tF
Output fall time
20% to 80% of VOUT(PP)
230
ps
Duty cycle of the output waveform
45
55
%
tj, RMS
RMS jitter
10 kHz to 20 MHz
1
ps, RMS
LVCMOS Input
VIL, CMOS
Low-level CMOS input voltage
VDD = 3.3 V
0.3 × VCC
V
VIH, CMOS
High-level CMOS input voltage
VDD = 3.3 V
0.7 × VCC
V
IL, CMOS
Low-level CMOS input current
VDD = VDD, max, VIL = 0.0 V
–200
µA
IH, CMOS
High-level CMOS input current
VDD = VDD, min, VIH = 3.7 V
200
µA
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCE421A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com