Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471A1 Datasheet(PDF) 2 Page - EPCOS

Part # B82471A1
Description  SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82471A1 Datasheet(HTML) 2 Page - EPCOS

  B82471A1 Datasheet HTML 1Page - EPCOS B82471A1 Datasheet HTML 2Page - EPCOS B82471A1 Datasheet HTML 3Page - EPCOS B82471A1 Datasheet HTML 4Page - EPCOS B82471A1 Datasheet HTML 5Page - EPCOS B82471A1 Datasheet HTML 6Page - EPCOS B82471A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated inductance 10
µH to 220 µH
Rated current 0.35 A to 1.44 A
Construction
■ Ferrite core
■ Winding: enamel copper wire
■ Winding soldered to terminals
■ Plastic terminal carrier
Features
■ Temperature range up to 150 °C
■ High rated current
■ Low DC resistance
■ Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020C
■ Qualification based on AEC-Q200
■ RoHS-compatible
Applications
■ Filtering of supply voltages
■ Coupling, decoupling
■ DC/DC converters
■ Automotive electronics
■ Industrial electronics
■ Consumer electronics
Terminals
■ Base material CuSn6P
■ Layer composition Ni-Sn (lead-free)
■ Electro-plated
Marking
■ Marking on component:
L value (
µH, coded),
manufacturing date (YWWD)
■ Minimum data on reel:
Manufacturer, ordering code,
L value, quantity, date of packing
Delivery mode and packing unit
■ 16-mm blister tape, wound on 330-mm ∅ reel
■ Packing unit: 1000 pcs./reel
B82471A1
SMT power inductors
Size 6.1
× 5.6 × 4.9 (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com