Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471A1 Datasheet(PDF) 4 Page - EPCOS

Part # B82471A1
Description  SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82471A1 Datasheet(HTML) 4 Page - EPCOS

  B82471A1 Datasheet HTML 1Page - EPCOS B82471A1 Datasheet HTML 2Page - EPCOS B82471A1 Datasheet HTML 3Page - EPCOS B82471A1 Datasheet HTML 4Page - EPCOS B82471A1 Datasheet HTML 5Page - EPCOS B82471A1 Datasheet HTML 6Page - EPCOS B82471A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Sample kit available. Ordering code: B8247XX001
For more information refer to chapter “Sample kits”.
Rated inductance LR
Measured with LCR meter Agilent 4284A at frequency fL,
0.1 V, 20 °C
Rated temperature TR
85 °C
Rated current IR
Max. permissible DC with temperature increase of
≤ 40 K
at rated temperature
Saturation current Isat
Max. permissible DC with inductance decrease
∆L/L
0 of approx. 10%
DC resistance Rmax
Measured at 20 °C
Solderability (lead-free)
Dip and look method Sn95.5Ag3.8Cu0.7:
(245
±5) °C, (5 ±0.3) s
Wetting of soldering area
≥ 90%
(based on IEC 60068-2-58)
Resistance to soldering heat
260 °C, 40 s as referenced in JEDEC J-STD 020C
Climatic category
55/150/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +150 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
Weight
Approx. 1 g
LR
µH
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ω
Ordering code
10
±20% M 0.1
1.44
1.80
0.10
B82471A1103M000
15
0.1
1.30
1.45
0.14
B82471A1153M000
22
0.1
1.11
1.20
0.18
B82471A1223M000
33
0.1
0.88
1.00
0.23
B82471A1333M000
47
0.1
0.72
0.85
0.37
B82471A1473M000
68
±10% K 0.1
0.61
0.70
0.46
B82471A1683K000
100
0.1
0.52
0.60
0.70
B82471A1104K000
150
0.1
0.40
0.48
1.10
B82471A1154K000
220
0.1
0.35
0.38
1.57
B82471A1224K000
^
^
B82471A1
SMT power inductors
Size 6.1
× 5.6 × 4.9 (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com