Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471A1 Datasheet(PDF) 5 Page - EPCOS

Part # B82471A1
Description  SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82471A1 Datasheet(HTML) 5 Page - EPCOS

  B82471A1 Datasheet HTML 1Page - EPCOS B82471A1 Datasheet HTML 2Page - EPCOS B82471A1 Datasheet HTML 3Page - EPCOS B82471A1 Datasheet HTML 4Page - EPCOS B82471A1 Datasheet HTML 5Page - EPCOS B82471A1 Datasheet HTML 6Page - EPCOS B82471A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
03/08
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at 20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 85 °C)
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4284A,
typical values at 20 °C
|Z|
f
IND0855-W
3
10
Ω
4
10
5
10
6
10
7
10
8
10
Hz
220 µH
10 µH
33 µH
100 µH
10
_1
10 0
10 1
10 2
10 3
10 4
10 6
10 5
B82471A1
0
0
0.2
0.4
I
0.6
R
0.8
1.0
op
I
1.2
A
T
IND0602-K
C
˚
20
40
60
80
100 120
150
IND0851-A
DC
I
L
10
10
1
_
0
A10 1
10 0
10 1
10 2
10
µH
3
10 µH
33 µH
100 µH
220 µH
B82471A1
B82471A1
SMT power inductors
Size 6.1
× 5.6 × 4.9 (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com