Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471A1 Datasheet(PDF) 3 Page - EPCOS

Part # B82471A1
Description  SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82471A1 Datasheet(HTML) 3 Page - EPCOS

  B82471A1 Datasheet HTML 1Page - EPCOS B82471A1 Datasheet HTML 2Page - EPCOS B82471A1 Datasheet HTML 3Page - EPCOS B82471A1 Datasheet HTML 4Page - EPCOS B82471A1 Datasheet HTML 5Page - EPCOS B82471A1 Datasheet HTML 6Page - EPCOS B82471A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Taping and packing
Blister tape
Reel
Dimensions in mm
IND0480-Z-E
1)
1)
5.6 max.
2.9
6 max.
Marking
1) Soldering area
3
IND0481-C
Dimensions in mm
Component tolerances
±0.2 mm unless
otherwise noted.
Dimensions in mm
Component tolerances
±0.2 mm unless
otherwise noted.
IND0347-5
22.4 max.
2.5±0.5
330±1
13±0.2
1.0
21±0.5
Component
5.45 max.
1.5+0.1
2±0.1
4±0.1
12±0.1
1.5 min.
Direction of unreeling
IND0335-P-E
B82471A1
SMT power inductors
Size 6.1
× 5.6 × 4.9 (mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com