Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82471A1 Datasheet(PDF) 1 Page - EPCOS

Part # B82471A1
Description  SMT power inductors Size 6.1 횞 5.6 횞 4.9 (mm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82471A1 Datasheet(HTML) 1 Page - EPCOS

  B82471A1 Datasheet HTML 1Page - EPCOS B82471A1 Datasheet HTML 2Page - EPCOS B82471A1 Datasheet HTML 3Page - EPCOS B82471A1 Datasheet HTML 4Page - EPCOS B82471A1 Datasheet HTML 5Page - EPCOS B82471A1 Datasheet HTML 6Page - EPCOS B82471A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
Data Sheet
 EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SMT power inductors
Size 6.1
× 5.6 × 4.9 (mm)
Series/Type:
B82471A1
Date:
March 2008


Similar Part No. - B82471A1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82471A1 EPCOS-B82471A1 Datasheet
173Kb / 7P
SMT power inductors
B82471A1103M000 EPCOS-B82471A1103M000 Datasheet
173Kb / 7P
SMT power inductors
B82471A1104K000 EPCOS-B82471A1104K000 Datasheet
173Kb / 7P
SMT power inductors
B82471A1153M000 EPCOS-B82471A1153M000 Datasheet
173Kb / 7P
SMT power inductors
B82471A1154K000 EPCOS-B82471A1154K000 Datasheet
173Kb / 7P
SMT power inductors
More results

Similar Description - B82471A1

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LBW1035 LUXPIA-LBW1035 Datasheet
337Kb / 17P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LCH1035 LUXPIA-LCH1035 Datasheet
220Kb / 16P
3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
logo
Panasonic Semiconductor
LN216RPH PANASONIC-LN216RPH_08 Datasheet
316Kb / 3P
3.0 mm 횞 7.0 mm
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
LN220RPH PANASONIC-LN220RPH_08 Datasheet
317Kb / 3P
1.75 mm 횞 7.0 mm
logo
Cypress Semiconductor
CYBLE-212006-01 CYPRESS-CYBLE-212006-01 Datasheet
3Mb / 39P
Module size: 15.00 mm 횞 23.00 mm 횞 2.00 mm
CYBLE-214015-01 CYPRESS-CYBLE-214015-01 Datasheet
3Mb / 42P
Module size: 11.0 mm 횞 11.0 mm 횞 1.80 mm (with shield)
CYBLE-224116-01 CYPRESS-CYBLE-224116-01 Datasheet
4Mb / 46P
Module size: 9.5 mm 횞 15.4 mm 횞 1.80 mm (with shield)
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
Compact size 횠22 횞 10.9 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com