Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM320DM6446 Datasheet(PDF) 2 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 2 Page - Texas Instruments

  SM320DM6446 Datasheet HTML 1Page - Texas Instruments SM320DM6446 Datasheet HTML 2Page - Texas Instruments SM320DM6446 Datasheet HTML 3Page - Texas Instruments SM320DM6446 Datasheet HTML 4Page - Texas Instruments SM320DM6446 Datasheet HTML 5Page - Texas Instruments SM320DM6446 Datasheet HTML 6Page - Texas Instruments SM320DM6446 Datasheet HTML 7Page - Texas Instruments SM320DM6446 Datasheet HTML 8Page - Texas Instruments SM320DM6446 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 228 page
background image
1.2 SUPPORTS DEFENSE, AEROSPACE, AND MEDICAL APPLICATIONS
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
• External Memory Interfaces (EMIFs)
–
IEEE 802.3 Compliant
–
32-Bit DDR2 SDRAM Memory Controller
–
Media Independent Interface (MII)
With 256M-Byte Address Space (1.8-V I/O)
• VLYNQ™ Interface (FPGA Interface)
–
Asynchronous16-Bit Wide EMIF (EMIFA)
• Host Port Interface (HPI) with 16-Bit
With 128M-Byte Address Reach
Multiplexed Address/Data
• Flash Memory Interfaces
• USB Port With Integrated 2.0 PHY
–
NOR (8-/16-Bit-Wide Data)
–
USB 2.0 High-/Full-Speed (480-Mbps) Client
–
NAND (8-/16-Bit-Wide Data)
–
USB 2.0 High-/Full-/Low-Speed Host
• Flash Card Interfaces
(Mini-Host, Supporting One External
–
Multimedia Card (MMC)/Secure Digital (SD)
Device)
with Secure Data I/O (SDIO)
• Three Pulse Width Modulator (PWM) Outputs
–
Compact Flash Controller With True IDE
• On-Chip ARM ROM Bootloader (RBL) to Boot
Mode
From NAND Flash or UART
–
SmartMedia
• ATA/ATAPI I/F (ATA/ATAPI-6 Specification)
• Enhanced Direct-Memory-Access (EDMA)
• Individual Power-Saving Modes for ARM/DSP
Controller (64 Independent Channels)
• Flexible PLL Clock Generators
• Two 64-Bit General-Purpose Timers (Each
Configurable as Two 32-Bit Timers)
• IEEE-1149.1 (JTAG) Boundary-
Scan-Compatible
• One 64-Bit Watch Dog Timer
• Up to 71 General-Purpose I/O (GPIO) Pins
• Three UARTs (One with RTS and CTS Flow
(Multiplexed With Other Device Functions)
Control)
• 361-Pin Pb-Free BGA Package
• One Serial Peripheral Interface (SPI) With Two
(ZWT Suffix), 0.8-mm Ball Pitch
Chip-Selects
• 0.09-µm/6-Level Cu Metal Process (CMOS)
• Master/Slave Inter-Integrated Circuit (I2C
Bus™)
• 3.3-V and 1.8-V I/O, 1.2-V Internal
• Audio Serial Port (ASP)
• Applications:
–
I2S
–
Digital Media
–
AC97 Audio Codec Interface
–
Networked Media Encode/Decode
–
Standard Voice Codec Interface (AIC12)
–
Video Imaging
• 10/100 Mb/s Ethernet MAC (EMAC)
• Controlled Baseline
• One Assembly/Test Site
• One Fabrication Site
• Available in A-Temp (–40°C/105°C) Temperature Range(1)
• Extended Product Life Cycle
• Extended Product-Change Notification
• Product Traceability
(1)
Additional temperature ranges are available - contact factory
Digital Media System-on-Chip (DMSoC)
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com