Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM320DM6446 Datasheet(PDF) 83 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 83 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 79Page - Texas Instruments SM320DM6446 Datasheet HTML 80Page - Texas Instruments SM320DM6446 Datasheet HTML 81Page - Texas Instruments SM320DM6446 Datasheet HTML 82Page - Texas Instruments SM320DM6446 Datasheet HTML 83Page - Texas Instruments SM320DM6446 Datasheet HTML 84Page - Texas Instruments SM320DM6446 Datasheet HTML 85Page - Texas Instruments SM320DM6446 Datasheet HTML 86Page - Texas Instruments SM320DM6446 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 228 page
background image
5
Device Operating Conditions
5.1 Absolute Maximum Ratings Over Operating Case Temperature Range
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
(Unless Otherwise Noted)
(1)
Core (CVDD, VDDA1P1V, USB_VDDA1P2LDO
(2), CV
DDDSP)
(3)
-0.5 V to 1.5 V
I/O, 3.3V (DVDD33, USB_VDDA3P3)
(3)
-0.5 V to 4.2 V
Supply voltage ranges
I/O, 1.8V (DVDD18, DVDDR2, DDR_VDDDLL, PLLVDD18, VDDA1P8V,
-0.5 V to 2.5 V
USB_VDD1P8, MXVDD, M24VDD)
(3)
VI I/O, 3.3V
-0.5 V to 4.2 V
Input voltage ranges
VI I/O, 1.8V
-0.5 V to 2.5 V
VO I/O, 3.3V
-0.5 V to 4.2 V
Output voltage ranges
VO I/O, 1.8V
-0.5 V to 2.5 V
Operating case temperature ranges, TC
-40
°C to 105°C
Storage temperature range, Tstg
(default)
-55
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This pin is an internal LDO output and connected via 1 µF capacitor to USB_VSSA1P2LDO.
(3)
All voltage values are with respect to VSS.
Submit Documentation Feedback
Device Operating Conditions
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com