Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM320DM6446 Datasheet(PDF) 73 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 73 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 69Page - Texas Instruments SM320DM6446 Datasheet HTML 70Page - Texas Instruments SM320DM6446 Datasheet HTML 71Page - Texas Instruments SM320DM6446 Datasheet HTML 72Page - Texas Instruments SM320DM6446 Datasheet HTML 73Page - Texas Instruments SM320DM6446 Datasheet HTML 74Page - Texas Instruments SM320DM6446 Datasheet HTML 75Page - Texas Instruments SM320DM6446 Datasheet HTML 76Page - Texas Instruments SM320DM6446 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 228 page
background image
3.5.6.2 VPFE (CCD), VPBE (LCD), and GPIO Pin Multiplexing
3.5.6.3 VPBE (RGB666 and RGB888) and GPIO Pin Multiplexing
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
GPIO3V[3]
TXD[0]
GPIO3V[4]
TXD[1]
GPIO3V[5]
TXD[2]
GPIO3V[6]
TXD[3]
GPIO3V[7]
RXD[0]
GPIO3V[8]
RXD[1]
GPIO3V[9]
RXD[2]
GPIO3V[10]
RXD[3]
GPIO3V[11]
RXCLK
GPIO3V[12]
RXDV
GPIO3V[13]
RXER
GPIO3V[14]
CRS
GPIO3V[15]
MDIO
GPIO3V[16]
MDCLK
The CCD and LCD controllers in the VPSS require multiplex control bit settings for certain modes of
operation. Bits within the PinMux0 register, which select between the CCD or LCD control signal function
and GPIO, are summarized in Table 3-18.
Table 3-18. VPFE (CCD), VPBE (LCD), and GPIO Pin Multiplexing
PINMUX0 REGISTER FIELDS
MULTIPLEXED PINS
C_FIELD/
LCD_FIELD/
C_WE/
LCD_OE/
CFLDEN
LFLDEN
CWE
LOEEN
R0/
B0/
GPIO[1]
GPIO[0]
GPIO[4]
GPIO[3]
-
-
-
0
-
-
-
GPIO[0]
-
-
-
1
-
-
-
LCD_OE
-
-
0
-
-
-
GPIO[1]
-
-
-
1
-
-
-
C_WE
-
-
0
-
-
-
B0/GPIO[3](1)
-
-
-
1
-
-
-
LCD_FIELD
-
-
0
-
-
-
R0/GPIO[4](1)
-
-
-
1
-
-
-
C_FIELD
-
-
-
(1)
Depends on RGB888 bit setting, see Table 3-19
Use of the RGB666 and RGB888 modes of the VPBE requires enabling RGB pins as shown in Table 3-19
and Table 3-20. Enabling PWM2, PWM1, CCD, and LCD functionality overrides the RGB modes. RGB666
interface pin functionality requires setting the RGB666 PINMUX0 Register bit field to ‘1’ and PINMUX1
Register bit fields PWM2 and PWM1 to ‘0’. Proper RGB888 interface operation requires setting PINMUX0
Register bit field RGB888 to ‘1’ and bit fields PWM2, PWM1, CFLDEN, and LFLDEN must be set to ‘0’.
Table 3-19. VPBE (RGB666, RGB888, and LCD), VPFE (CCD), and GPIO Pin Multiplexing
PINMUX0 AND PINMUX1 REGISTER BIT FIELDS
MULTIPLEXED PINS
PWM2/
PWM1/
C_FIELD/
LCD_FIELD/
RGB888
RGB666
PWM2
PWM1
CFLDEN
LFLDEN
B2/
R2/
R0/
B0/
GPIO[47]
GPIO[46]
GPIO[4]
GPIO[3]
0
0
0
0
0
0
GPIO[47]
GPIO[46]
GPIO[4]
GPIO[3]
-
-
-
-
-
1
-
-
-
LCD_FIELD
-
-
-
-
1
-
-
-
C_FIELD
-
-
-
-
1
-
-
-
PWM1
-
-
-
-
1
-
-
-
PWM2
-
-
-
Submit Documentation Feedback
Device Configurations
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com