Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM320DM6446 Datasheet(PDF) 71 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 71 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 67Page - Texas Instruments SM320DM6446 Datasheet HTML 68Page - Texas Instruments SM320DM6446 Datasheet HTML 69Page - Texas Instruments SM320DM6446 Datasheet HTML 70Page - Texas Instruments SM320DM6446 Datasheet HTML 71Page - Texas Instruments SM320DM6446 Datasheet HTML 72Page - Texas Instruments SM320DM6446 Datasheet HTML 73Page - Texas Instruments SM320DM6446 Datasheet HTML 74Page - Texas Instruments SM320DM6446 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 228 page
background image
3.5.4
PINMUX0 Register Description
3.5.5
PINMUX1 Register Description
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
The PINMUX0 pin multiplexing register controls which peripheral is given ownership over shared pins
among EMAC, CCD, LCD, RGB888, RGB666, ATA, VLYNQ, EMIFA, HPI, and GPIO peripherals. The
register format is shown in Figure 3-7 and bit field descriptions are given in Table 3-14. More details on
the PINMUX0 pin muxing fields are given in Section 3.5.6. A value of '1' enables the secondary or tertiary
pin function.
Figure 3-7. PINMUX0 Register(1)
31
30
29
28
27
26
25
24
23
22
21
18
17
16
EMACEN
Rsvd
HPIEN
Rsvd
CFLDEN
CWE
LFLDEN
LOEEN
RGB888
RGB666
Reserved
ATAEN
HDIREN
R/W-0
R/W-0
R/W-D
R-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0000
R/W-0
R/W-0
15
14
13
12
11
10
9
5
4
0
VLYNQEN
VLSCREN
VLYNQWD
AECS5
AECS4
Reserved
AEAW
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R-00000
R/W-LLLL
LEGEND: R = Read; W = Write; L = pin state latched at reset rising edge; D = derived from pin states; -n = value after reset
(1)
For proper DM6446 device operation, always write a value of '0' to RSV bits 30 and 29
Table 3-14. PINMUX0 Register Description
Name
Description
EMACEN
Enable EMAC and MDIO function on default GPIO3V[0:16] pins.
HPIEN
Enable HPI module pins. Default value is derived from BTSEL[1:0] configuration inputs.
HPIEN is 1 when the BTSEL[1:0] = 10 for non-secure devices only. HPIEN default state
is always 0 for secure divices.
CFLDEN
Enable CCD C_FIELD function on default GPIO[4] pin
CWE
Enable CCD C_WE function on default GPIO[1] pin
LFLDEN
Enable LCD_FIELD function on default GPIO[3] pin
LOEEN
Enable LCD_OE function on default GPIO[0] pin
RGB888
Enable VPBE RGB888 function on default GPIO[2:6, 46:47] pins
RGB666
Enable VPBE RGB666 function on default GPIO[46:47] pins
ATAEN
Enable ATA function on default EMIFA and GPIO[52:53] pins and shared UART1 pins
HDIREN
Enable HDDIR function on default GPIO[42] pin
VLYNQEN
Enable VLYNQ function on default GPIO[9,10:17] pins
VLSCREN
Enable VLYNQ SCRUN function on default GPIO[9] pin
VLYNQWD
VLYNQ data width selection. This expands the VLYNQ TXD[0:3] and RXD[0:3]
functions on default GPIO[10:17] pins.
AECS5
Enable EMIFA EM_CS5 function on GPIO[8]
AECS4
Enable EMIFA EM_CS4 function on GPIO[9]
AEAW
EMIFA address width selection. Default value is latched at reset from AEAW[4:0]
configuration input pins. This enables EMIF address function on default GPIO[10:28]
pins.
The PINMUX1 pin multiplexing register controls which peripheral is given ownership over shared pins
among Timer, PLL, ASP, SPI, I2C, PWM, and UART peripherals. The register format is shown in
Figure 3-8 and bit field descriptions are given in Table 3-15. More details on the PINMUX1 pin muxing
fields are given in Section 3.5.6. A value of "1" enables the secondary or tertiary pin function.
Submit Documentation Feedback
Device Configurations
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com