Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM320DM6446 Datasheet(PDF) 6 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 2Page - Texas Instruments SM320DM6446 Datasheet HTML 3Page - Texas Instruments SM320DM6446 Datasheet HTML 4Page - Texas Instruments SM320DM6446 Datasheet HTML 5Page - Texas Instruments SM320DM6446 Datasheet HTML 6Page - Texas Instruments SM320DM6446 Datasheet HTML 7Page - Texas Instruments SM320DM6446 Datasheet HTML 8Page - Texas Instruments SM320DM6446 Datasheet HTML 9Page - Texas Instruments SM320DM6446 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 228 page
background image
Contents
2
Device Overview
2.1 Device Characteristics
SM320DM6446
Digital Media System-on-Chip
SPRS607A – JUNE 2009 – REVISED JUNE 2009
www.ti.com
1
Digital Media System-on-Chip (DMSoC)
............ 1
6.1
Parameter Information
.............................. 86
6.2
Recommended Clock and Control Signal Transition
1.1
Features
.............................................. 1
Behavior
............................................. 87
1.2
SUPPORTS DEFENSE, AEROSPACE, AND
MEDICAL APPLICATIONS
........................... 2
6.3
Power Supplies
...................................... 87
1.3
Description
............................................ 3
6.4
Reset
................................................ 97
1.4
Functional Block Diagram
............................ 5
6.5
External Clock Input From MXI/CLKIN Pin
........ 100
2
Device Overview
......................................... 6
6.6
Clock PLLs
......................................... 102
2.1
Device Characteristics
................................ 6
6.7
Interrupts
........................................... 110
2.2
Device Compatibility
.................................. 8
6.8
General-Purpose Input/Output (GPIO)
............. 117
6.9
Enhanced Direct Memory Access (EDMA)
2.3
ARM Subsystem
...................................... 8
Controller
........................................... 120
2.4
DSP Subsystem
..................................... 12
6.10
External Memory Interface (EMIF)
................. 132
2.5
Memory Map Summary
............................. 16
6.11
ATA/CF
............................................ 140
2.6
Pin Assignments
.................................... 19
6.12
MMC/SD/SDIO
..................................... 153
2.7
Terminal Functions
.................................. 24
6.13
Video Processing Sub-System (VPSS) Overview
. 156
2.8
Device Support
...................................... 56
6.14
Host-Port Interface (HPI)
........................... 179
3
Device Configurations
................................. 59
6.15
USB 2.0
............................................ 182
3.1
System Module Registers
........................... 59
6.16
Universal Asynchronous Receiver/Transmitter
3.2
Power Considerations
............................... 59
(UART)
............................................. 191
3.3
Bootmode
........................................... 60
6.17
Serial Peripheral Interface (SPI)
................... 194
3.4
Configurations at Reset
............................. 64
6.18
Inter-Integrated Circuit (I2C)
....................... 198
3.5
Configurations After Reset
.......................... 68
6.19
Audio Serial Port (ASP)
............................ 202
3.6
Emulation Control
................................... 79
6.20
Ethernet Media Access Controller (EMAC)
........ 206
4
System Interconnect
................................... 81
6.21
Management Data Input/Output (MDIO)
........... 213
4.1
System Interconnect Block Diagram
................ 82
6.22
Timer
............................................... 215
5
Device Operating Conditions
........................ 83
6.23
Pulse Width Modulator (PWM)
..................... 217
5.1
Absolute Maximum Ratings Over Operating Case
6.24
VLYNQ
............................................. 219
Temperature Range
(Unless Otherwise Noted)
................................. 83
6.25
IEEE 1149.1 JTAG
................................ 223
5.2
Recommended Operating Conditions
............... 84
7
Mechanical Packaging and Orderable
Information
............................................. 225
5.3
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Case
7.1
Thermal Data for ZWT
............................. 225
Temperature (Unless Otherwise Noted)
............ 85
7.1.1
Packaging Information
............................. 225
6
Peripheral and Electrical Specifications
........... 86
Table 2-1 provides an overview of the TMS320DM6446 SoC. The table shows significant features of the
device, including the capacity of on-chip RAM, peripherals, internal peripheral bus frequency relative to the
C64x+ DSP, and the package type with pin count.
Contents
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com