Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
3.3
3.35
3.4
3.45
3.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VIN = 12 V
1.2
1.205
1.21
1.215
1.22
VIN = 12 V
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
1.1
1.125
1.15
1.175
1.2
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
0
1
2
3
4
EN = 0 V
2.1
2.2
2.3
2.4
2.5
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
400
500
600
700
800
3
6
9
12
15
18
V - Input Voltage - V
I
T = 125°C
J
T = 25°C
J
T = -40°C
J
TPS54821
SLVSB14
– OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EN PIN UVLO THRESHOLD vs
EN PIN HYSTERESIS CURRENT vs JUNCTION
JUNCTION TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
EN PIN PULLUP CURRENT vs JUNCTION TEMPERATURE
SHUTDOWN QUIESCENT CURRENT vs INPUT VOLTAGE
Figure 7.
Figure 8.
VIN NON-SWITCHING OPERATING QUIESCENT CURRENT
vs
SLOW START CHARGE CURRENT vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com