Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54821 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
-
=
Vo
Vref
R5
R6
Vref
TPS54821
www.ti.com
SLVSB14
– OCTOBER 2011
VIN and Power VIN Pins (VIN and PVIN)
The device allows for a variety of applications by using the VIN and PVIN pins together or separately. The VIN
pin voltage supplies the internal control circuits of the device. The PVIN pin voltage provides the input voltage to
the power converter system.
If tied together, the input voltage for VIN and PVIN can range from 4.5 V to 17 V. If using the VIN separately from
PVIN, the VIN pin must be between 4.5 V and 17 V, and the PVIN pin can range from as low as 1.6 V to 17 V. A
voltage divider connected to the EN pin can adjust the either input voltage UVLO appropriately. Adjusting the
input voltage UVLO on the PVIN pin helps to provide consistent power up behavior.
Voltage Reference
The voltage reference system produces a precise
±1% voltage reference over temperature by scaling the output
of a temperature stable bandgap circuit.
Adjusting the Output Voltage
The output voltage is set with a resistor divider from the output (VOUT) to the VSENSE pin. It is recommended to
use 1% tolerance or better divider resistors. Referring to the application schematic of Figure 29, start with a 10
k
Ω for R6 and use Equation 1 to calculate R5. To improve efficiency at light loads consider using larger value
resistors. If the values are too high the regulator is more susceptible to noise and voltage errors from the
VSENSE input current are noticeable.
(1)
Where Vref = 0.6V
The minimum output voltage and maximum output voltage can be limited by the minimum on time of the
high-side MOSFET and bootstrap voltage (BOOT-PH voltage) respectively. More discussions are located in
Minimum Output Voltage and Bootstrap Voltage (BOOT) and Low Dropout Operation.
Safe Start-up into Pre-Biased Outputs
The device has been designed to prevent the low-side MOSFET from discharging a pre-biased output. During
monotonic pre-biased startup, the low-side MOSFET is not allowed to sink current until the SS/TR pin voltage is
higher than 1.4 V.
Error Amplifier
The device uses a transconductance error amplifier. The error amplifier compares the VSENSE pin voltage to the
lower of the SS/TR pin voltage or the internal 0.6 V voltage reference. The transconductance of the error
amplifier is 1300
μA/V during normal operation. The frequency compensation network is connected between the
COMP pin and ground.
Slope Compensation
The device adds a compensating ramp to the switch current signal. This slope compensation prevents
sub-harmonic oscillations. The available peak inductor current remains constant over the full duty cycle range.
Enable and Adjusting Undervoltage Lockout
The EN pin provides electrical on/off control of the device. Once the EN pin voltage exceeds the threshold
voltage, the device starts operation. If the EN pin voltage is pulled below the threshold voltage, the regulator
stops switching and enters low Iq state.
The EN pin has an internal pull-up current source, allowing the user to float the EN pin for enabling the device. If
an application requires controlling the EN pin, use open drain or open collector output logic to interface with the
pin.
The device implements internal UVLO circuitry on the VIN pin. The device is disabled when the VIN pin voltage
falls below the internal VIN UVLO threshold. The internal VIN UVLO threshold has a hysteresis of 150mV.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com