Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54821 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments TPS54821 Datasheet HTML 10Page - Texas Instruments TPS54821 Datasheet HTML 11Page - Texas Instruments TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
80
90
100
110
120
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
VSENSE Rising
VSENSE Falling
VSENSE Rising
VSENSE Falling
VIN = 12 V
11
12
13
14
15
16
17
T = 125°C
J
T = 25°C
J
T = -40°C
J
3
6
9
12
15
18
V - Input Voltage - V
I
70
80
90
100
110
120
VIN = 12 V
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
3
4
5
6
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
RT = 100 k ,
VIN = 12 V
W
2
2.1
2.2
-50
-25
0
25
50
75
100
125
T - Junction Temperature - °C
J
TPS54821
www.ti.com
SLVSB14
– OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
SS/TR TO VSENSE OFFSET vs JUNCTION TEMPERATURE
PWRGD THRESHOLD vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
HIGH-SIDE CURRENT LIMIT THRESHOLD vs
MINIMUM CONTROLLABLE ON TIME vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 13.
Figure 14.
MINIMUM CONTROLLABLE DUTY RATIO vs
BOOT-PH UVLO THRESHOLD vs JUNCTION
JUNCTION TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com