Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54821 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54821 Datasheet HTML 12Page - Texas Instruments TPS54821 Datasheet HTML 13Page - Texas Instruments TPS54821 Datasheet HTML 14Page - Texas Instruments TPS54821 Datasheet HTML 15Page - Texas Instruments TPS54821 Datasheet HTML 16Page - Texas Instruments TPS54821 Datasheet HTML 17Page - Texas Instruments TPS54821 Datasheet HTML 18Page - Texas Instruments TPS54821 Datasheet HTML 19Page - Texas Instruments TPS54821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
´
D
-
Vref
R1
R2 =
Vout2 +
V
Vref
V = Vout1
Vout 2
D
-
>
´
-
´ D
R1
2800
Vout1 180
V
SS/TR
TPS54821
EN
PWRGD
SS/TR
TPS54821
EN
PWRGD
VOUT1
VOUT 2
R1
R2
R3
R4
TPS54821
SLVSB14
– OCTOBER 2011
www.ti.com
(7)
(8)
(9)
Figure 24. Ratio-metric and Simultaneous Startup Sequence
Output Overvoltage Protection (OVP)
The device incorporates an output overvoltage protection (OVP) circuit to minimize output voltage overshoot. For
example, when the power supply output is overloaded the error amplifier compares the actual output voltage to
the internal reference voltage. If the VSENSE pin voltage is lower than the internal reference voltage for a
considerable time, the output of the error amplifier demands maximum output current. Once the condition is
removed, the regulator output rises and the error amplifier output transitions to the steady state voltage. In some
applications with small output capacitance, the power supply output voltage can respond faster than the error
amplifier. This leads to the possibility of an output overshoot. The OVP feature minimizes the overshoot by
comparing the VSENSE pin voltage to the OVP threshold. If the VSENSE pin voltage is greater than the OVP
threshold the high-side MOSFET is turned off preventing current from flowing to the output and minimizing output
overshoot. When the VSENSE voltage drops lower than the OVP threshold, the high-side MOSFET is allowed to
turn on at the next clock cycle.
Overcurrent Protection
The device is protected from overcurrent conditions by cycle-by-cycle current limiting on both the high-side
MOSFET and the low-side MOSFET.
High-side MOSFET overcurrent protection
The device implements current mode control which uses the COMP pin voltage to control the turn off of the
high-side MOSFET and the turn on of the low-side MOSFET on a cycle by cycle basis. Each cycle the switch
current and the current reference generated by the COMP pin voltage are compared, when the peak switch
current intersects the current reference the high-side switch is turned off.
Low-side MOSFET overcurrent protection
While the low-side MOSFET is turned on its conduction current is monitored by the internal circuitry. During
normal operation the low-side MOSFET sources current to the load. At the end of every clock cycle, the low-side
MOSFET sourcing current is compared to the internally set low-side sourcing current limit. If the low-side
sourcing current is exceeded the high-side MOSFET is not turned on and the low-side MOSFET stays on for the
next cycle. The high-side MOSFET is turned on again when the low-side current is below the low-side sourcing
current limit at the start of a cycle.
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com