Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS54821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54821
Description  4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54821 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54821 Datasheet HTML 1Page - Texas Instruments TPS54821 Datasheet HTML 2Page - Texas Instruments TPS54821 Datasheet HTML 3Page - Texas Instruments TPS54821 Datasheet HTML 4Page - Texas Instruments TPS54821 Datasheet HTML 5Page - Texas Instruments TPS54821 Datasheet HTML 6Page - Texas Instruments TPS54821 Datasheet HTML 7Page - Texas Instruments TPS54821 Datasheet HTML 8Page - Texas Instruments TPS54821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
PH
PVIN
GND
BOOT
VSENSE
COMP
TPS54821
EN
RT/CLK
SS/TR
Exposed
Thermal
Pad
Css
Rrt
R3
C1
Cboot
Co
Lo
R1
R2
Cin
C2
VIN
VIN
VOUT
PWRGD
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
Output Current (A)
VIN = 8 V
VIN = 12 V
VIN = 17 V
G001
TPS54821
www.ti.com
SLVSB14
– OCTOBER 2011
4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT
™ Converter With Hiccup
Check for Samples: TPS54821
1
FEATURES
23
•
Integrated 26 m
Ω / 19 mΩ MOSFETs
•
Adjustable Input Undervoltage Lockout
•
Split Power Rail: 1.6 V to 17 V on PVIN
•
Software Tools Available
•
200 kHz to 1.6 MHz Switching Frequency
•
For SWIFT
™ Documentation visit
http://www.ti.com/swift
•
Synchronizes to External Clock
•
0.6V
±1% Voltage Reference Over Temperature
APPLICATIONS
•
Low 2
µA Shutdown Quiescent Current
•
Digital TV Power Supplies
•
Monotonic Start-Up into Pre-biased Outputs
•
Set Top Boxes
•
–40°C to 125°C Operating Junction
•
Blu-ray DVDs
Temperature Range
•
Home Terminals
•
Adjustable Slow Start/Power Sequencing
•
High Performance Point of Load Regulation
•
Power Good Output Monitor for Undervoltage
and Overvoltage
DESCRIPTION
The TPS54821 in thermally enhanced 3.5 mm x 3.5 mm QFN package is a full featured 17 V, 8 A synchronous
step down converter which is optimized for small designs through high efficiency and integrating the high-side
and low-side MOSFETs. Further space savings are achieved through current mode control, which reduces
component count, and by selecting a high switching frequency, reducing the inductor
's footprint.
The output voltage startup ramp is controlled by the SS/TR pin which allows operation as either a stand alone
power supply or in tracking situations. Power sequencing is also possible by correctly configuring the enable and
the open drain power good pins.
Cycle by cycle current limiting on the high-side FET protects the device in overload situations and is enhanced
by a low-side sourcing current limit which prevents current runaway. There is also a low-side sinking current limit
which turns off the low-side MOSFET to prevent excessive reverse current. Hiccup protection will be triggered if
the overcurrent condition has persisted for longer than the preset time. Thermal hiccup protection disables the
device when the die temperature exceeds the thermal shutdown temperature and enables the part again after
the built-in thermal shutdown hiccup time.
WHITE SPACE
SIMPLIFIED SCHEMATIC
EFFICIENCY, VOUT = 3.3 V, FSW = 480 kHz
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI2-TPS54821 Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
REVISED FEBRUARY 2016
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54821RHLR TI2-TPS54821RHLR Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
REVISED FEBRUARY 2016
TPS54821RHLR.A TI2-TPS54821RHLR.A Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
REVISED FEBRUARY 2016
TPS54821RHLR.B TI2-TPS54821RHLR.B Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down Converter With Hiccup
REVISED FEBRUARY 2016
More results

Similar Description - TPS54821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com