Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 24Page - Texas Instruments TUSB7320 Datasheet HTML 25Page - Texas Instruments TUSB7320 Datasheet HTML 26Page - Texas Instruments TUSB7320 Datasheet HTML 27Page - Texas Instruments TUSB7320 Datasheet HTML 28Page - Texas Instruments TUSB7320 Datasheet HTML 29Page - Texas Instruments TUSB7320 Datasheet HTML 30Page - Texas Instruments TUSB7320 Datasheet HTML 31Page - Texas Instruments TUSB7320 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
4
CLASSIC PCI CONFIGURATION SPACE
4.1
The PCI Configuration Map
The programming model of the TUSB73X0 USB 3.0 Host Controller is compliant to the standard PCI
device programming model. The PCI configuration map uses the type 0 PCI header.
All bits marked with a '*' are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a '†' are reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset,
PERST, GRST, or the internally-generated power-on reset.
Table 4-1. PCI Configuration Register Map
REGISTER NAME
OFFSET
Device ID
Vendor ID
000h
Status
Command
004h
Class Code
Revision ID
008h
BIST
Header Type
Latency Timer
Cache Line Size
00Ch
Base Address Register 0
010h
Base Address Register 1
014h
Base Address Register 2
018h
Base Address Register 3
01Ch
Reserved
020h-028h
Subsystem ID
Subsystem Vendor ID
02Ch
Reserved
030h
Reserved
Capabilities Pointer
034h
Reserved
038h
Max Latency
Min Grant
Interrupt Pin
Interrupt Line
03Ch
Power Management Capabilities
Next Item Pointer
PM CAP ID
040h
PM Data (RSVD)
PMCSR_BSE
Power Management CSR
044h
MSI Message Control
Next Item Pointer
MSI CAP ID
048h
MSI Message Address
04Ch
MSI Upper Message Address
050h
Reserved
MSI Message Data
054h
Reserved
058h-05Ch
Reserved
FLADJ
SBRN
60h
Reserved
064h-06Ch
PCI Express Capabilities Register
Next Item Pointer
PCI Express Capability ID
070h
Device Capabilities
074h
Device Status
Device Control
078h
Link Capabilities
07Ch
Link Status
Link Control
080h
Reserved
084h-090h
Device Capabilities2
094h
Device Status2
Device Control2
098h
Link Capabilities2
09Ch
Link Status2
Link Control2
0A0h
Reserved
0A4h-0ACh
Serial Bus CSR
Serial Bus Slave Address
Serial Bus Index
Serial Bus Data
0B0h
GPIO Data
GPIO Control
0B4h
Reserved
0B8h-0BCh
28
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com