Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-62. Link Control Register Description (continued)
Active State Link PM Control. This field is used to enable and disable
active state PM.
00 – Active State PM Disabled
1:0
ASLPMC
rw
01 – L0s Entry Enabled
10 – L1 Entry Enabled
11 – L0s and L1 Entry Enable
4.44 Link Status Register
The Link Status Register indicates current state of the PCI Express Link.
PCI register offset: 82h
Register type:Read-only
Default value: 101xh
Table 4-63. PCI Register 82h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
1
0
0
0
0
0
0
0
1
0
0
x
x
State
Table 4-64. Link Status Register Description
Bit
Field Name
Access
Description
Link Autonomous Bandwidth Status. This bit has no function and is read
15
LINK_ABS
r
only zero.
Link Bandwidth Management Status. This bit has no function and is read
14
LINK_BMS
r
only zero.
13
DLL_ACTIVE
r
Data Link Layer Active. This bit has no function and is read only zero.
Slot Clock Configuration. This bit is ‘1’, since the TUSB73X0 uses the
12
SCC
r
100-MHz differential reference clock provided by the platform.
11
LT
r
Link Training. This bit has no function and is read only zero.
10
TE
r
Retrain Link. This bit has no function and is read only zero.
Negotiated Link Width. This field is read only 000001b indicating the lane
9:4
NLW
r
width is 1x.
3:0
LS
r
Link Speed. This field indicates the negotiated link speed.
4.45 Device Capabilities 2 Register
The Device Capabilities 2 Register indicates the device specific capabilities of the TUSB73X0.
PCI register offset: 94h
Register type:Read-only
Default value: 0000 0010h
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
49
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com