Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
4.50 Serial Bus Index Register
The value written to the Serial Bus Index register represents the byte address of the byte being read or
written from the serial bus device. The Serial Bus Index register must be written before the before initiating
a serial bus cycle by writing to the Serial Bus Slave Address register. This register is reset by a PCI
Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: B1h
Register type:Read/Write
Default value: 00h
Table 4-74. PCI Register B1h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.51 Serial Bus Slave Address Regsiter
The Serial Bus Slave Address register is used to indicate the address of the device being targeted by the
serial bus cycle. This register also indicates if the cycle will be a read or a write cycle. Writing to this
register initiates the cycle on the serial interface. This register is reset by a PCI Express reset (PERST#),
a GRST#, or the internally-generated power-on reset.
PCI register offset: B2h
Register type:Read/Write
Default value: 00h
Table 4-75. PCI Register B2h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 4-76. Serial Bus Slave Address Register Description(1)
Bit
Field Name
Access
Description
Serial Bus Slave Address. This bit field represents the slave address of a
7:1†
SLAVE_ADDR†
rw
read or write transaction on the serial interface.
Read/Write Command. This bit is used to determine if the serial bus
cycle will be a read or a write cycle.
0†
RW_CMD†
rw
0 – A single byte write is requested.
1 – A single byte read is requested.
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
4.52 Serial Bus Control and Status Register
The Serial Bus Control and Status register is used to control the behavior of the Serial bus interface. This
register also provides status information about the state of the serial bus. This register is reset by a PCI
Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: B3h
Register type:Read/Write, Read-Only, Read/Clear
Default value: 00h
52
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com