Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments TUSB7320 Datasheet HTML 15Page - Texas Instruments TUSB7320 Datasheet HTML 16Page - Texas Instruments TUSB7320 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
PC
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
SS USB Device
Or
HS/FS/LS USB
Device
TUSB7340
PCIe Gen2
To
USB 3.0
Host Controller
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
2
OVERVIEW
2.1
Description
The TUSB7320 supports up to two downstream ports. The TUSB7340 is a USB 3.0 xHCI compliant host
controller that supports up to four downstream ports. Both parts are available in a pin-compatible 100-pin
RKM package. For the remainder of this document, the name TUSB73x0 is used to reference both the
TUSB7320 and the TUSB7340.
Table 2-1. Package Information
PART
NO. DOWNSTREAM PORTS
PACKAGE
TUSB7320
2
100-pin RKM
TUSB7340
4
100-pin RKM
The TUSB73x0 interfaces to the host system via a PCIe x1 Gen 2 interface and provides SuperSpeed,
high-speed, full-speed, or low-speed connections on the downstream USB ports.
A typical system view of the TUSB73x0 is shown below.
Figure 2-1. Typical Application
Copyright © 2011–2012, Texas Instruments Incorporated
OVERVIEW
13
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com