Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 35Page - Texas Instruments TUSB7320 Datasheet HTML 36Page - Texas Instruments TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-32. Power Management Capabilities Register Description (continued)
Device Specific Initialization. This bit returns 0 when read, indicating that
5
DSI
r
the TUSB73X0 does not require special initialization beyond the standard
PCI configuration header before a generic class driver is able to use it.
4
RSVD
r
Reserved. Returns zero when read.
3
PME_CLK
r
PME# Clock.
Power Mgmt Version. This field returns 3’b011 indicating Rev 1.2
2:0
PM_VERSION
r
compatibility.
4.25 Power Management Control/Status Register
This register determines and changes the current power state of the TUSB73X0.
PCI register offset: 44h
Register type:Read/Write, Read-only
Default value: 0008h
Table 4-33. PCI Register 44h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
State
Table 4-34. Power Management Control/Status Register Description
Bit
Field Name
Access
Description
15
PME_STAT
rc
PME# Status. This bit is sticky and is only reset by a Global Reset.
Data Scale. This 2-bit field returns 0’s when read since the TUSB73X0
14:13
DATA_SCALE
r
does not use the Data Register.
Data Select. This 4-bit field returns 0’s when read since the
12:9
DATA_SEL
r
TUSB73X0 does not use the Data Register.
8
PME_EN
rw
PME# Enable. This bit is sticky and is only reset by a Global Reset.
7:4
RSVD
r
Reserved. Returns zero when read.
No Soft Reset. This bit returns ‘1’ indicating that no internal reset is
3
NO_SOFT_RESET
r
generated and the device retains its configuration context when
transitioning from the D3hot state to the D0 state.
2
RSVD
r
Reserved. Returns zero when read.
Power State. This 2-bit field is used both to determine the current
power state of the function and to set the function into a new power
1:0
PWR_STATE
rw
state. This field is encoded as follows:00 = D001 = D110 = D211 =
D3hot.
4.26 Power Management Bridge Support Extension Register
This read-only register is not applicable to the TUSB73X0 and returns 00h when read.
PCI register offset: 46h
Register type:Read-only
Default value: 00h
Table 4-35. PCI Register 46h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
39
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com