Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0DISCOVERY Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 4Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 5Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 6Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 7Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 8Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 9Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 10Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 11Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Features
UM1525
8/41
Doc ID 022910 Rev 2
3
Features
The STM32F0DISCOVERY kit offers the following features:
●
STM32F051R8T6 microcontroller featuring 64 KB Flash, 8 KB RAM in an LQFP64
package
●
On-board ST-LINK/V2 with selection mode switch to use the kit as a standalone
ST-LINK/V2 (with SWD connector for programming and debugging)
●
Board power supply: through USB bus or from an external 5 V supply voltage
●
External application power supply: 3 V and 5 V
●
Four LEDs:
–
LD1 (red) for 3.3 V power on
–
LD2 (red/green) for USB communication
–
LD3 (green) for PC9 output
–
LD4 (blue) for PC8 output
●
Two push buttons (user and reset)
●
Extension header for LQFP64 I/Os for quick connection to prototyping board and easy
probing.
●
An additional board is provided with the kit which can be connected to the extension
connector for even easier prototyping and probing.
●
A large number of free ready-to-run application firmware examples are available on
www.st.com/stm32f0discovery to support quick evaluation and development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com