Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0DISCOVERY Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 12Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 13Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 14Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 18Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 19Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Hardware and layout
UM1525
16/41
Doc ID 022910 Rev 2
4.2.2
Using ST-LINK/V2 to program/debug an external STM32 application
It is very easy to use the ST-LINK/V2 to program the STM32 on an external application.
Simply remove the 2 jumpers from CN2 as shown in Figure 9, and connect your application
to the CN3 debug connector according to Table 4.
Note:
SB19 and SB22 must be OFF if you use CN3 pin 5 in your external application.
Table 4.
Debug connector CN3 (SWD)
Pin
CN3
Designation
1
VDD_TARGET
VDD from application
2
SWCLK
SWD clock
3
GND
Ground
4
SWDIO
SWD data input/output
5
NRST
RESET of target MCU
6
SWO
Reserved
Figure 9.
ST-LINK connections image



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com