Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0DISCOVERY Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 24Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 25Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 26Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 27Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 28Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 29Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 30Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 31Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Connecting modules on the prototyping board
UM1525
28/41
Doc ID 022910 Rev 2
Table 8.
Connecting using IDC10
Mikroelektronica IDC10 connector
STM32F0DISCOVERY
P0
GPIO
PC0
GPIO OUTPUT (3.3V tolerant)
P1
GPIO
PC1
GPIO OUTPUT (3.3V tolerant)
P2
GPIO
PC2
GPIO OUTPUT (3.3V tolerant)
P3
GPIO
PC3
GPIO OUTPUT (3.3V tolerant)
P4
GPIO
PC4
GPIO OUTPUT (3.3V tolerant)
P5
GPIO
PC5
GPIO OUTPUT (3.3V tolerant)
P6
GPIO
PC6
GPIO OUTPUT (5V tolerant)
P7
GPIO
PC7
GPIO OUTPUT (5V tolerant)
VCC
VCC 5V power line
3V
VDD
GND
Reference Ground
GND
VSS
P0
GPIO
PC0
GPIO OUTPUT (3.3V tolerant)
P1
GPIO
PC1
GPIO OUTPUT (3.3V tolerant)
P2
GPIO
PC2
GPIO OUTPUT (3.3V tolerant)
P3
GPIO
PC3
GPIO OUTPUT (3.3V tolerant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com