Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0DISCOVERY Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 30Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 31Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 32Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 33Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 34Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 35Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 36Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 37Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Connecting modules on the prototyping board
UM1525
34/41
Doc ID 022910 Rev 2
Arduino ICSP connector
STM32F0DISCOVERY
1
MISO
PB4
SPI1_MISO
2
VCC 3.3V
3V
VDD
3
SCK
PB3
SPI1_SCK
4
MOSI
PB5
SPI1_MOSI
5
RST
NRST
Reset discovery
6
GND
GND
Reference Ground
Connecting with Arduino shields (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com