Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F0DISCOVERY Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32F0DISCOVERY
Description  Discovery kit for STM32 F0 microcontrollers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F0DISCOVERY Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32F0DISCOVERY Datasheet HTML 15Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 16Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 17Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 18Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 19Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 20Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 21Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 22Page - STMicroelectronics STM32F0DISCOVERY Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
UM1525
Hardware and layout
Doc ID 022910 Rev 2
19/41
4.8
Solder bridges
Table 5.
Solder bridge settings
Bridge
State(1)
Description
SB16,17
(X2 crystal)(2)
2.
OSC_IN clock comes from MCO if SB18 is ON and SB16,17 are OFF
and comes from X2 if SB18 is OFF and SB16,17 are ON.
OFF
X2, C13, C14, R22 and R23 provide a clock. PF0, PF1 are disconnected
from P1.
ON
PF0, PF1 are connected to P1 (R22, R23 and SB18 must not be fitted).
SB6,8,10,12 (Default)
ON
Reserved, do not modify.
SB5,7,9,11 (Reserved)
OFF
Reserved, do not modify.
SB20,21
(X3 crystal)
OFF
X3, C15, C16, R24 and R25 deliver a 32 KHz clock. PC14, PC15 are not
connected to P1.
ON
PC14, PC15 are only connected to P1 (R24, R25 must not be fitted).
SB4
(B2-RESET)
ON
B2 push button is connected to the NRST pin of the STM32F051R8T6
MCU.
OFF
B2 push button is not connected the NRST pin of the STM32F051R8T6
MCU.
SB3
(B1-USER)
ON
B1 push button is connected to PA0.
OFF
B1 push button is not connected to PA0.
SB1
(VBAT powered from VDD)
ON
VBAT is permanently powered from VDD.
OFF
VBAT is not powered from VDD but pin3 of P1.
SB14,15
(RX,TX)
OFF
Reserved, do not modify.
ON
Reserved, do not modify.
SB19
(NRST)
ON
NRST signal of the CN3 connector is connected to the NRST pin of the
STM32F051R8T6 MCU.
OFF
NRST signal of the CN3 connector is not connected to the NRST pin of the
STM32F051R8T6 MCU.
SB22
(T_SWO)
ON
SWO signal of the CN3 connector is connected to PB3.
OFF
SWO signal is not connected.
SB13
(STM_RST)
OFF
No incidence on STM32F103C8T6 (ST-LINK/V2) NRST signal.
ON
STM32F103C8T6 (ST-LINK/V2) NRST signal is connected to GND.
SB2
(BOOT0)
ON
BOOT0 signal of the STM32F051R8T6 MCU is held low through a
510 Ohm pull-down resistor.
OFF
BOOT0 signal of the STM32F051R8T6 MCU can be set high through a
10 KOhm pull-up resistor R27 to solder.
SB18
(MCO)(2)
ON
Provides the 8 MHz for OSC_IN from MCO of STM32F103C8T6.
OFF
See SB16, SB17 description.
1.
Default SBx state is shown in bold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com