Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 9 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 9 Page - Texas Instruments

Back Button Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EN = 2 V / div
Time = 2 msec / div
V
= 1 V / div
OUT
PWRGD = 5 V / div
V = 5 V / div
IN
EN = 2 V / div
Time = 2 msec / div
V
= 1 V / div
OUT
PWRGD = 5 V / div
V = 5 V / div
IN
www.ti.com
Test Setup and Results
2.9
Powering Up
Figure 9 and Figure 10 show the start-up waveforms for the TPS54519EVM-037. In Figure 9, the output
voltage ramps up as soon as the input voltage reaches the UVLO threshold as set by the R
1 and R2
resistor divider network. In Figure 10, the input voltage is initially applied and the output is inhibited by
using a jumper at JP1 to tie EN to GND. When the jumper is removed, EN is released. When the EN
voltage reaches the enable-threshold voltage, the start-up sequence begins and the output voltage ramps
up to the externally set value of 1.8 V. The input voltage for these plots is 5 V and the load is 1
Ω.
Figure 9. TPS54519EVM-037 Start-Up Relative to V
IN
Figure 10. TPS54519EVM-037 Start-Up Relative to Enable
9
SLVU523
– September 2011
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com