Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 13 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 13 Page - Texas Instruments

Back Button Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Std Datasheet HTML 14Page - Texas Instruments Std Datasheet HTML 15Page - Texas Instruments Std Datasheet HTML 16Page - Texas Instruments Std Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ti.com
Schematic and Bill of Materials
Figure 16. TPS54519EVM-037 Layout 3
Figure 17. TPS54519EVM-037 Top-Side Assembly
3.2
Estimated Circuit Area
The estimated printed-circuit board area for the components used in this design is 0.37 in
2 (239 mm2).
This area does not include test point or connectors.
4
Schematic and Bill of Materials
This section presents the TPS54519EVM-037 schematic and bill of materials.
13
SLVU523
– September 2011
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com