Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 10 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 10 Page - Texas Instruments

Back Button Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Std Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
EN = 2 V / div
Time = 2 msec / div
V
= 1 V / div
OUT
PWRGD = 5 V / div
V = 5 V / div
IN
EN = 2 V / div
Time = 100 µsec / div
V
= 1 V / div
OUT
PWRGD = 5 V / div
V = 5 V / div
IN
Test Setup and Results
www.ti.com
2.10 Powering Down
Figure 11 and Figure 12 show the start-up waveforms for the TPS54519EVM-037. In Figure 11, the output
voltage ramps down as soon as the input voltage falls below the UVLO stop threshold as set by the R1
and R2 resistor divider network. In Figure 12, the output is inhibited by using a jumper at JP1 to tie EN to
GND. The input voltage for these plots is 5 V and the load is 1
Ω.
Figure 11. TPS54519EVM-037 Shutdown Relative to V
IN
Figure 12. TPS54519EVM-037 Shutdown Relative to EN
10
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
SLVU523
– September 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com