Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Std Datasheet(PDF) 11 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 11 Page - Texas Instruments

Back Button Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Std Datasheet HTML 12Page - Texas Instruments Std Datasheet HTML 13Page - Texas Instruments Std Datasheet HTML 14Page - Texas Instruments Std Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.ti.com
Board Layout
3
Board Layout
This section provides a description of the TPS54519EVM-037, board layout, and layer illustrations.
3.1
Layout
Figure 13 through Figure 17 shows the board layout for the TPS54519EVM-037. The top-side layer of the
EVM is laid out in a manner typical of a user application. The top, bottom, and internal layers are 2-oz.
copper.
The top layer contains the main power traces for V
IN, VOUT, and VPHASE. Also on the top layer are
connections for the remaining pins of the TPS54519 and a large area filled with ground. The bottom and
internal layers contain ground planes only. The top-side ground areas are connected to the bottom and
internal ground planes with multiple vias placed around the board including four vias directly under the
TPS54519 device to provide a thermal path from the top-side ground area to the bottom-side and internal
ground planes.
The input decoupling capacitors (C2 and C3) and bootstrap capacitor (C6) are all located as close to the
IC as possible. In addition, the voltage set-point resistor divider components are also kept close to the IC.
The voltage divider network ties to the output voltage at the point of regulation, the copper V
OUT trace near
the output connector J4. For the TPS54519, an additional input bulk capacitor may be required, depending
on the EVM connection to the input supply.
Figure 13. TPS54519EVM-037 Top-Side Layout
11
SLVU523
– September 2011
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com